Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 7 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 3Page - Analog Devices AD8115AST Datasheet HTML 4Page - Analog Devices AD8115AST Datasheet HTML 5Page - Analog Devices AD8115AST Datasheet HTML 6Page - Analog Devices AD8115AST Datasheet HTML 7Page - Analog Devices AD8115AST Datasheet HTML 8Page - Analog Devices AD8115AST Datasheet HTML 9Page - Analog Devices AD8115AST Datasheet HTML 10Page - Analog Devices AD8115AST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
AD8114/AD8115
–7–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin Name
Pin Numbers
Pin Description
INxx
58, 60, 62, 64, 66, 68, 70, 72,
Analog Inputs; xx = Channel Numbers 00 Through 15.
4, 6, 8, 10, 12, 14, 16, 18
DATA IN
96
Serial Data Input, TTL Compatible.
CLK
97
Clock, TTL Compatible. Falling Edge Triggered.
DATA OUT
98
Serial Data Out, TTL Compatible.
UPDATE
95
Enable (Transparent) “Low.” Allows serial register to connect directly to switch matrix.
Data latched when “High.”
RESET
100
Disable Outputs, Active “Low.”
CE
99
Chip Enable, Enable “Low.” Must be “low” to clock in and latch data.
SER/PAR
94
Selects Serial Data Mode, “Low” or Parallel Data Mode, “High.” Must be connected.
OUTyy
53, 51, 49, 47, 45, 43, 41, 39,
Analog Outputs yy = Channel Numbers 00 Through 15.
37, 35, 33, 31, 29, 27, 25, 23
AGND
3, 5, 7, 9, 11, 13, 15, 17, 19, 57,
Analog Ground for Inputs and Switch Matrix. Must be connected.
59, 61, 63, 65, 67, 69, 71, 73
DVCC
1, 75
+5 V for Digital Circuitry.
DGND
2, 74
Ground for Digital Circuitry.
AVEE
20, 56
–5 V for Inputs and Switch Matrix.
AVCC
21, 55
+5 V for Inputs and Switch Matrix.
AVCCxx/yy
54, 50, 46, 42, 38, 34, 30, 26, 22
+5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected.
AVEExx/yy
52, 48, 44, 40, 36, 32, 28, 24
–5 V for Output Amplifier that is shared by Channel Numbers xx and yy. Must be connected.
A0
84
Parallel Data Input, TTL Compatible (Output Select LSB).
A1
83
Parallel Data Input, TTL Compatible (Output Select).
A2
82
Parallel Data Input, TTL Compatible (Output Select).
A3
81
Parallel Data Input, TTL Compatible (Output Select MSB).
D0
80
Parallel Data Input, TTL Compatible (Input Select LSB).
D1
79
Parallel Data Input, TTL Compatible (Input Select).
D2
78
Parallel Data Input, TTL Compatible (Input Select).
D3
77
Parallel Data Input, TTL Compatible (Input Select MSB).
D4
76
Parallel Data Input, TTL Compatible (Output Enable).
NC
85–93
No Connect.
Figure 5. I/O Schematics
ESD
ESD
INPUT
VCC
AVEE
ESD
ESD
OUTPUT
VCC
AVEE
ESD
ESD
RESET
VCC
20k
DGND
ESD
ESD
INPUT
VCC
DGND
ESD
ESD
OUTPUT
VCC
2k
DGND
a. Analog Input
c. Reset Input
b. Analog Output
d. Logic Input
e. Logic Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com