Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 26 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 18Page - Analog Devices AD8115AST Datasheet HTML 19Page - Analog Devices AD8115AST Datasheet HTML 20Page - Analog Devices AD8115AST Datasheet HTML 21Page - Analog Devices AD8115AST Datasheet HTML 22Page - Analog Devices AD8115AST Datasheet HTML 23Page - Analog Devices AD8115AST Datasheet HTML 24Page - Analog Devices AD8115AST Datasheet HTML 25Page - Analog Devices AD8115AST Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
–26–
100-Lead Plastic Thin Quad Flatpack (LQFP)
(ST-100)
0.020 (0.50)
BSC
0.008 (0.20)
0.004 (0.09)
7
3.5
0
0.011 (0.27)
0.009 (0.22)
0.007 (0.17)
CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED
0.057 (1.45)
0.055 (1.40)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
STANDOFF
0.003 (0.08)
MAX
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.551 (14.00) SQ
0.630 (16.00) SQ
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
AD8114/AD8115
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com