Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8115AST Datasheet(PDF) 24 Page - Analog Devices

Part # AD8115AST
Description  Low Cost 225 MHz 16 X 16 Crosspoint Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8115AST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8115AST Datasheet HTML 18Page - Analog Devices AD8115AST Datasheet HTML 19Page - Analog Devices AD8115AST Datasheet HTML 20Page - Analog Devices AD8115AST Datasheet HTML 21Page - Analog Devices AD8115AST Datasheet HTML 22Page - Analog Devices AD8115AST Datasheet HTML 23Page - Analog Devices AD8115AST Datasheet HTML 24Page - Analog Devices AD8115AST Datasheet HTML 25Page - Analog Devices AD8115AST Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
AD8114/AD8115
–24–
REV. 0
RESET
CLK
DATA IN
DGND
CE
UPDATE
MOLEX 0.100" CENTER
CRIMP TERMINAL HOUSING
1
6
D-SUB 25 PIN (MALE)
14
1
25
13
EVALUATION BOARD
PC
2
3
4
5
6
25
3
1
4
5
2
6
SIGNAL
CE
RESET
UPDATE
DATA IN
CLK
DGND
MOLEX
TERMINAL HOUSING
D-SUB-25
Figure 52. Evaluation Board-PC Connection Cable
Optimized for video applications, all signal inputs and outputs
are terminated with 75
Ω resistors. Stripline techniques are used
to achieve a characteristic impedance on the signal input and
output lines, also of 75
Ω. Figure 51 shows a cross-section of one
of the input or output tracks along with the arrangement of the
PCB layers. It should be noted that unused regions of the four
layers are filled up with ground planes. As a result, the input and
output traces, in addition to having controlled impedances, are
well shielded.
w = 0.008"
(0.2mm)
a = 0.008"
(0.2mm)
b = 0.0514"
(1.3mm)
h = 0.025"
(0.63mm)
t = 0.00135" (0.0343mm)
TOP LAYER
SIGNAL LAYER
POWER LAYER
BOTTOM LAYER
Figure 51. Cross Section of Input and Output Traces
The board has 32 BNC type connectors: 16 inputs and 16
outputs. The connectors are arranged in a crescent around the
device. As can be seen from Figure 47, this results in all 16
input signal traces and all 16 signal output traces having the
same length. This is useful in tests such as All-Hostile
Crosstalk where the phase relationship and delay between
signals needs to be maintained from input to output.
The three power supply pins AVCC, DVCC and AVEE should
be connected to good quality, low noise,
±5 V supplies. Where
the same
±5 V power supplies are used for analog and digital,
separate cables should be run for the power supply to the
evaluation board’s analog and digital power supply pins.
As a general rule, each power supply pin (or group of adjacent
power supply pins) should be locally decoupled with a 0.01
µF
capacitor. If there is a space constraint, it is more important to
decouple analog power supply pins before digital power supply
pins. A 0.1
µF capacitor, located reasonably close to the pins,
can be used to decouple a number of power supply pins. Fi-
nally a 10
µF capacitor should be used to decouple power sup-
plies as they come onto the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com