Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARM Datasheet(PDF) 7 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8314ARM Datasheet HTML 3Page - Analog Devices AD8314ARM Datasheet HTML 4Page - Analog Devices AD8314ARM Datasheet HTML 5Page - Analog Devices AD8314ARM Datasheet HTML 6Page - Analog Devices AD8314ARM Datasheet HTML 7Page - Analog Devices AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices AD8314ARM Datasheet HTML 10Page - Analog Devices AD8314ARM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8314
–7–
REV. 0
VS – Volts
2.3
1.7
2.7
2.2
2.1
2.0
1.9
1.8
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
0mA
2mA
4mA
6mA
Figure 19. Maximum VDN Voltage vs. VS by Load Current
1 s PER
HORIZONTAL
DIVISION
VPOS AND ENABLE
2V PER
VERTICAL
DIVISION
VDN 500mV/VERT. DIV.
VUP
VUP 500mV/VERT. DIV.
AVERAGE: 128 SAMPLES
VDN GND
VUP GND
GND
Figure 20. Power-On and -Off Response, Measurement
Mode
HP8648B
SIGNAL
GENERATOR
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8116A
PULSE
GENERATOR
10MHz REF OUTPUT
EXT TRIG
NC = NO CONNECT
NC
8
7
6
5
VSET
FLTR
V DN
VPOS
COMM
V UP
TEK P6204
FET PROBE
TEK P6204
FET PROBE
TRIG
52.3
PULSE
OUT
49.9
AD811
732
–33dBV
Figure 21. Test Setup for Power-On and -Off Response
VS – Volts
2.3
1.7
2.7
2.2
2.1
2.0
1.9
1.8
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
SHADING INDICATES
3 SIGMA
Figure 22. Maximum VDN Voltage vs. VS with 3 mA Load
100ns PER
HORIZONTAL
DIVISION
200mV PER
VERTICAL
DIVISION
VDN
AVERAGE: 128 SAMPLES
2V PER
VERTICAL
DIVISION
VPOS AND ENABLE
VDN GND
GND
Figure 23. Power-On Response, VDN, Controller Mode with
VSET Held Low
1
2
3
4
ENBL
RFIN
AD8314
RF OUT
TEK
TDS784C
SCOPE
TRIG
OUT
HP8112A
PULSE
GENERATOR
10MHz REF OUTPUT
EXT TRIG
NC = NO CONNECT
NC
8
7
6
5
VSET
FLTR
V DN
VPOS
COMM
V UP
TEK P6204
FET PROBE
TRIG
52.3
+0.2
NC
AD811
PULSE
OUT
49.9
732
HP8648B
SIGNAL
GENERATOR
Figure 24. Test Setup for Power-On Response at V_DN
Output, Controller Mode with VSET Pin Held Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com