Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 3 Page - Analog Devices

  AD8314ARM Datasheet HTML 1Page - Analog Devices AD8314ARM Datasheet HTML 2Page - Analog Devices AD8314ARM Datasheet HTML 3Page - Analog Devices AD8314ARM Datasheet HTML 4Page - Analog Devices AD8314ARM Datasheet HTML 5Page - Analog Devices AD8314ARM Datasheet HTML 6Page - Analog Devices AD8314ARM Datasheet HTML 7Page - Analog Devices AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8314
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5 V
V_UP, V_DN, VSET, ENBL . . . . . . . . . . . . . . . . 0 V, VPOS
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6 V rms
Equivalent Power . . . . . . . . . . . . . . . . . . . . . . . . . . . +17 dBm
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 200 mW
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –30
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8314 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
Pin Function Descriptions
Pin
Name
Function
1
RFIN
RF Input.
2
ENBL
Connect pin to VS for normal operation.
Connect pin to ground for disable mode.
3
VSET
Setpoint input for operation in controller
mode. To operate in detector mode connect
VSET to V_UP
4
FLTR
Connection for an external capacitor to slow
the response of the output. Capacitor is con-
nected between FLTR and V_UP.
5
COMM
Device Common (Ground).
6
V_UP
Logarithmic output. Output voltage increases
with increasing input amplitude.
7
V_DN
Inversion of V_UP, governed by the following
equation: V_DN = 2.25 V – 2
× V
UP.
8
VPOS
Positive supply voltage (VS), 2.7 V to 5.5 V.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
RFIN
ENBL
VSET
VPOS
V DN
V UP
COMM
FLTR
AD8314
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8314ARM
*
–30
°C to +85°C
Tube, 8-Lead micro_SOIC
RM-8
AD8314ARM-REEL
13" Tape and Reel
AD8314ARM-REEL7
7" Tape and Reel
AD8314-EVAL
Evaluation Board
*Device branded as J5A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com