Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD8314ARM
Description  100 MHz-2500 MHz 45 dB RF Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARM Datasheet(HTML) 1 Page - Analog Devices

  AD8314ARM Datasheet HTML 1Page - Analog Devices AD8314ARM Datasheet HTML 2Page - Analog Devices AD8314ARM Datasheet HTML 3Page - Analog Devices AD8314ARM Datasheet HTML 4Page - Analog Devices AD8314ARM Datasheet HTML 5Page - Analog Devices AD8314ARM Datasheet HTML 6Page - Analog Devices AD8314ARM Datasheet HTML 7Page - Analog Devices AD8314ARM Datasheet HTML 8Page - Analog Devices AD8314ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8314
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
100 MHz–2500 MHz 45 dB
RF Detector/Controller
FEATURES
Complete RF Detector/Controller Function
Typical Range –58 dBV to –13 dBV
–45 dBm to 0 dBm re 50
Frequency Response from 100 MHz to 2.5 GHz
Temperature-Stable Linear-in-dB Response
Accurate to 2.5 GHz
Rapid Response: 70 ns to a 10 dB Step
Low Power: 12 mW at 2.7 V
Power-Down to 20
A
APPLICATIONS
Cellular Handsets (TDMA, CDMA, GSM)
RSSI and TSSI for Wireless Terminal Devices
Transmitter Power Measurement and Control
PRODUCT DESCRIPTION
The AD8314 is a complete low-cost subsystem for the mea-
surement and control of RF signals in the frequency range
0.1 GHz–2.5 GHz, with a typical dynamic range of 45 dB,
intended for use in a wide variety of cellular handsets and other
wireless devices. It provides a wider dynamic range and better
accuracy than possible using discrete diode detectors. In particular,
its temperature stability is excellent over the full operating range of
–30
°C to +85°C.
Its high sensitivity allows control at low power levels, thus
reducing the amount of power that needs to be coupled to the
detector. It is essentially a voltage-responding device, with a
typical signal range of 1.25 mV to 224 mV rms or –58 dBV to
–13 dBV. This is equivalent to –45 dBm to 0 dBm re 50
Ω.
For convenience, the signal is internally ac-coupled, using a 5 pF
capacitor to a load of 3 k
Ω in shunt with 2 pF. This high-pass
coupling, with a corner at 16 MHz, determines the lowest oper-
ating frequency. Thus, the source may be dc-grounded.
The AD8314 provides two voltage outputs. The first, called
V_UP, increases from close to ground to about 1.2 V as the
input signal level increases from 1.25 mV to 224 mV. This output
is intended for use in measurement mode. Consult the Appli-
cations section of this data sheet for information on use in this
mode. A capacitor may be connected between the V_UP and
FLTR pins when it is desirable to increase the time interval over
which averaging of the input waveform occurs.
The second output, V_DN, is an inversion of V_UP, but with
twice the slope and offset by a fixed amount. This output starts
at about 2.25 V (provided the supply voltage is
≥3.3 V) for
the minimum input and falls to a value close to ground at the
maximum input. This output is intended for analog control
loop applications. A setpoint voltage is applied to VSET and
V_DN is then used to control a VGA or power amplifier. Here
again, an external filter capacitor may be added to extend the
averaging time. Consult the Applications section of this data
sheet for information on use in this mode.
The AD8314 is available in a micro_SOIC package and con-
sumes 4.5 mA from a 2.7 V to 5.5 V supply. When powered
down, the typical sleep current is 20
µA.
FUNCTIONAL BLOCK DIAGRAM
10dB
OFFSET
COMP'N
V-I
I-V
RFIN
COMM
(PADDLE)
VPOS
X2
ENBL
V DN
V UP
VSET
FLTR
AD8314
10dB
10dB
10dB
BAND-GAP
REFERENCE
DET
DET
DET
DET
DET


Similar Part No. - AD8314ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314ARM AD-AD8314ARM Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314ARM AD-AD8314ARM Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ARM AD-AD8314ARM Datasheet
522Kb / 20P
RF Detector/Controller
Jan-2018
AD8314ARM-REEL AD-AD8314ARM-REEL Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314ARM-REEL AD-AD8314ARM-REEL Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results

Similar Description - AD8314ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com