Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8345 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices AD8345 Datasheet HTML 10Page - Analog Devices AD8345 Datasheet HTML 11Page - Analog Devices AD8345 Datasheet HTML 12Page - Analog Devices AD8345 Datasheet HTML 13Page - Analog Devices AD8345 Datasheet HTML 14Page - Analog Devices AD8345 Datasheet HTML 15Page - Analog Devices AD8345 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD8345
–13–
IEEE
HP34970A
D1
D2
D3
34901
34907
34907
D1
D2
D3
INTERFACE
BOARD
I_IN
Q_IN
OUTPUT_1
OUTPUT_2
ARB FUNCTION GEN
IEEE
TEKAFG2020
VPS1
VN
GND
VP
+15V MAX
COM
+25V MAX
–25V MAX
HP3631
IEEE
AD8345
CHARACTERIZATION
BOARD
P1
IN
IP
QP
QN
ENBL
VOUT
P1
IN
IP
QP QN
RFOUT
IEEE
HP8648C
LO
IEEE
PC CONTROLLER
SPECTRUM
ANALYZER
RF I/P
SWEEP OUT
IEEE
28V
HP8593E
Figure 11. Characterization Board SSB Test Setup
CHARACTERIZATION SETUPS
SSB Setup
Essentially, two primary setups were used to characterize the
AD8345. These setups are shown in Figures 11 and 13. Figure
11 shows the setup used to evaluate the product as a Single
Sideband modulator. The interface board converts the single-
ended I and Q inputs from the arbitrary function generator to
differential inputs with a dc bias of approximately 0.7 V. The
interface board also provides connections for power supply
routing. The HP34970A and its associated plug-in 34901 were
used to monitor power supply currents and voltages being
supplied to the AD8345 characterization board. Two HP34907
plug-ins were used to provide additional miscellaneous dc and
control signals to the interface board. The LO input was driven
directly by an RF signal generator and the output was measured
directly with a spectrum analyzer. With the I Channel driven
with a sine wave and the Q Channel driven with a cosine wave,
the lower sideband is the single sideband output. The typical
SSB output spectrum is shown in Figure 12.
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–100
CENTER = 900MHz
SPAN = 1MHz
Figure 12. Typical SSB Output Spectrum
Modulated Waveform Setup
For evaluating the AD8345 with modulated waveforms, the
setup shown in Figure 13 was used. A Rohde & Schwarz
AMIQ signal generator with differential outputs was used to
generate the baseband signals. For all measurements the input
level on each baseband input pin was 0.7 V
± 0.3 V peak. The
output was measured with a Rohde & Schwarz FSIQ spec-
trum/vector analyzer.
+15V MAX
COM
+25V MAX
–25V MAX
HP3631
IEEE
AD8345
CHARACTERIZATION
BOARD
P1
IN
IP
QP
QN
ENBL
VOUT
LO
RFOUT
IEEE
HP8648C
IEEE
PC CONTROLLER
SPECTRUM
ANALYZER
RF I/P
IEEE
FSIQ
PC CONTROL
AMIQ
IN
IP
QP
QN
Figure 13. Test Setup for Evaluating AD8345 with Modulated
Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com