Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8345 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 4 Page - Analog Devices

  AD8345 Datasheet HTML 1Page - Analog Devices AD8345 Datasheet HTML 2Page - Analog Devices AD8345 Datasheet HTML 3Page - Analog Devices AD8345 Datasheet HTML 4Page - Analog Devices AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8345
–4–
PIN FUNCTION DESCRIPTIONS
Equivalent
Pin No.
Mnemonic
Function
Circuit
1, 2
IBBP, IBBN
I Channel Baseband Differential Input Pins. These high impedance inputs should
Circuit A
be dc biased to approximately 0.7 V. Nominal characterized ac swing is 0.6 V p-p
on each pin (0.4 V to 1 V). This gives a differential drive of 1.2 V p-p. Inputs are
not self-biasing so external biasing circuitry must be used in ac-coupled applications.
3, 9, 13, 14
COM3
Ground Pin for Input V-to-I Converters and Mixer Core.
4
COM1
Ground Pin for the LO Phase-Splitter and LO Buffers.
5, 6
LOIN, LOIP
Differential LO Drive Pins. Internal dc bias (approximately 1.8 V @ VS = 5 V)
Circuit B
is supplied. Pins must be ac-coupled. Single-ended or differential drive is permissible.
7
VPS1
Power Supply Pin for the Bias Cell and LO Buffers. This pin should be decoupled
using local 1000 pF and 0.01
µF capacitors.
8
ENBL
Enable Pin. A high level enables the device; a low level puts the device in sleep mode. Circuit C
10
COM2
Ground Pin for the Output Stage of Output Amplifier.
11
VOUT
50
Ω DC-Coupled RF Output. Pin should be ac-coupled.
Circuit D
12
VPS2
Power supply pin for baseband input voltage to current converters and mixer core.
This pin should be decoupled using local 1000 pF and 0.01
µF capacitors.
15, 16
QBBN, QBBP
Q Channel Baseband Differential Input Pins. Inputs should be dc biased to
Circuit A
approximately 0.7 V. Nominal characterized ac swing is 0.6 V p-p on each pin
(0.4 V to 1 V). This gives a differential drive level of 1.2 V p-p. Inputs are not
self-biasing so external biasing circuitry must be used in ac-coupled applications.
EQUIVALENT CIRCUITS
INPUT
CURRENT
MIRROR
TO MIXER
CORE
BUFFER
VPS2
Circuit A
PHASE
SPLITTER
CONTINUES
LOIN
VPS1
LOIP
Circuit B
ENBL
100k
VPS2
100k
100k
TO BIAS FOR
STARTUP/
SHUTDOWN
Circuit C
40
40
VPS2
VOUT
Circuit D
Figure 1. Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com