Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8345 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8345
Description  250 MHz.1000 MHz Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8345 Datasheet(HTML) 2 Page - Analog Devices

  AD8345 Datasheet HTML 1Page - Analog Devices AD8345 Datasheet HTML 2Page - Analog Devices AD8345 Datasheet HTML 3Page - Analog Devices AD8345 Datasheet HTML 4Page - Analog Devices AD8345 Datasheet HTML 5Page - Analog Devices AD8345 Datasheet HTML 6Page - Analog Devices AD8345 Datasheet HTML 7Page - Analog Devices AD8345 Datasheet HTML 8Page - Analog Devices AD8345 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8345–SPECIFICATIONS (V
S = 5 V; LO= –2 dBm @ 800 MHz, 50
source and load impedances, I and Q inputs
0.7 V
0.3 V on each side for a 1.2 V p-p differential input, I and Q inputs driven in quadrature @ 1 MHz Baseband Frequency.
TA = 25 C, unless otherwise noted.)
Parameters
Conditions
Min
Typ
Max
Unit
RF OUTPUT
Operating Frequency
1
250
1000
MHz
Output Power
–3
–1
+2
dBm
Output P1 dB
2.5
dBm
Noise Floor
20 MHz Offset from LO, All BB
–155
dBm/Hz
Inputs at 0.7 V
Quadrature Error
(CDMA IS95 Setup, Refer to Figure 13)
0.5
Degree rms
I/Q Amplitude Balance
(CDMA IS95 Setup, Refer to Figure 13)
0.2
dB
LO Leakage
–42
–33
dBm
Sideband Rejection
–42
–34
dBc
Third Order Distortion
–52
dBc
Second Order Distortion
–60
dBc
Equivalent Output IP3
25
dBm
Equivalent Output IP2
59
dBm
Output Return Loss (S22)
–20
dB
RESPONSE TO CDMA IS95
(Refer to Figure 13)
BASEBAND SIGNALS
ACPR
–72
dBc
EVM
1.3
%
Rho
0.9995
LO INPUT
LO Drive level
–10
–2
0
dBm
LOIP Input Return Loss (S11)
2
No Termination on LOIP, LOIN at
–5
dB
AC Ground
50
Ω Terminating Resistor, Differential
–9
dB
Drive via Balun
BASEBAND INPUTS
Input Bias Current
10
µA
Input Capacitance
2pF
DC Common Level
0.6
0.7
0.8
V
Bandwidth (3 dB)
Full Power (0.7 V
± 0.3 V on Each
80
MHz
Input, Refer to TPC 2)
ENABLE
Turn-On
Enable High to Output within 0.5 dB of
2.5
µs
Final Value
Turn-Off
Enable Low to Supply Current Dropping
1.5
µs
below 2 mA
ENBL High Threshold (Logic 1)
+VS/2
V
ENBL Low Threshold (Logic 0)
+VS/2
V
POWER SUPPLIES
Voltage
2.7
5.5
V
Current Active
50
65
78
mA
Current Standby
70
µA
NOTES
1For information on operation below 250 MHz, see Figure 4.
2See LO Drive section for more details on input matching.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com