Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA9550LT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA9550LT
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA9550LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MMA955xL
Sensors
Freescale Semiconductor, Inc.
7
3
General Description
3.1
Functional Overview
The MMA955xL device consists of a 3-axis, MEMS accelerometer and a mixed-signal ASIC with an integrated, 32-bit CPU. The
mixed-signal ASIC can be utilized to measure and condition the outputs of the MEMS accelerometer, internal temperature sensor,
or a differential analog signal from an external device.
These measured values can be read via the slave I2C or SPI port or utilized internally within the MMA955xL platform.
Figure 1. Platform block diagram(1)
1. Preliminary data for memory sizes.
A block level view of is shown in the preceding figure and can be summarized at a high level as an analog/mixed-mode subsystem
associated with a digital engine:
• The analog sub-system is composed of:
– A 3-axis transducer that is an entirely passive block including the MEMS structures.
– An Analog Front End (AFE) with the following:
• A capacitance-to-voltage converter (C to V)
• An analog-to-digital converter
• A temperature sensor
• The digital sub-system is composed of:
– The 32-bit, ColdFire V1 CPU with a Background-Debug Module (BDM)
– Memory: RAM, ROM, and flash
– Rapid GPIO (RGPIO) port-control logic
– Timer functions include:
• Modulo timer module (MTIM16)
• Programmable Delay Timer (PDB)
Analog Front End (AFE)
BDM
INTC
DBG
4 KB x 32
Flash
1 KB x 32
ROM
512 KB x 32
RAM
I
2C Master
X
axis
C to V
ADC
Temp
Sensor
I
2C slave
SPI slave
Control
and
mailbox
CLKGEN
Two-channel, 16-bit
Timer / PWM module
16-bit
Modulo timer module
Programmable
delay block
INT_ O
Y
axis
Z
axis
VDD
VSS
RESET
VSS
VDDA
VSSA
SCL0/RGPIC0/SCLK
SDA0/RGPIO1/SDI
RGPIO2/SCL1/SDO
RGPIO3/SDA1/SSB
RGPIO4/INT
RGPIO5/PDB_A/INT_O
RGPIO6/AN0/TPMCH0
RGPIO7/AN1/TPMCH1
RGPIO8/PDB_B
BKGD/MS/RPGPIO9
AN0
AN1
TPMCH0
TPMCH1
SCL1
SCL0
PDB_A
PDB_B
SCLK
SDI
SDO
SSB
SCL0
SDA0
BKGD
INT
V1
ColdFire Core
with MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com