Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA9550LT Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA9550LT
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LT Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA9550LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Freescale Semiconductor
Document Number: MMA955xL
Data Sheet: Advance Information
Rev. 1, 10/2011
An Energy Efficient Solution by Freescale
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
© 2011 Freescale Semiconductor, Inc. All rights reserved.
Intelligent Motion-Sensing
Platform
The MMA955xL device is a member of Freescale’s Xtrinsic family of intelligent
sensor platforms. This device incorporates dedicated accelerometer MEMS
transducers, signal conditioning, data conversion, and a 32-bit programmable
microcontroller.
This unique blend transforms Freescale’s MMA955xL into an intelligent, high-
precision, motion-sensing platform able to manage multiple sensor inputs. This
device can make system-level decisions required for sophisticated applications
such as gesture recognition, pedometer functionality, tilt compensation and
calibration, and activity monitoring.
The MMA955xL device is programmed and configured with the CodeWarrior
Development Studio for Microcontrollers software, version 10.1 or later. This
standard integrated design environment enables customers to quickly
implement custom algorithms and features to exactly match their application
needs.
Using the master I2C port, the MMA955xL device can manage secondary
sensors, such as pressure sensors, magnetometers, or gyroscopes. This
allows sensor initialization, calibration, data compensation, and computation
functions to be off-loaded from the system application processor. The
MMA955xL device also acts as an intelligent sensing hub and a highly
configurable decision engine. Total system power consumption is significantly
reduced because the application processor stays powered down until
absolutely needed.
Hardware Features
•
Three accelerometer operating ranges:
– ±2g suits most hand gestures (orientation detection and tit control) and
freefall. For tap detection, ±4g and ±8g are supported.
– ±4g covers most regular human dynamics (walking and jogging)
– ±8g detects most abrupt activities (gaming)
•
Integrated temperature sensor
•
One slave SPI or I2C interface operating at up to 2 Mbps, dedicated to
communication with host processor
. Default value of the I2C, 7-bit address
is 0x4C. (This can be customized by firmware.)
•
One master I2C interface operating at up to 400 kbps that can be used to
communicate with external sensors
•
Eight selectable output data rates (ODR), from 488 Hz to 3.8 Hz
•
10, 12, 14, and 16-bit trimmed ADC data formats available
•
1.8V supply voltage
•
32-bit ColdFire V1 CPU with MAC unit
•
Extensive set of power-management features and low-power modes
•
Integrated ADC can be used to convert external analog signals
•
Single-Wire, Background-Debug Mode (BDM) pin interface
•
16-KB flash memory
•
2-KB Random Access Memory
•
ROM-based flash controller and slave-port, command-line interpreter
•
Two-channel timer with input capture, output capture, or edge-aligned PWM
•
Programmable delay block for scheduling events relative to start of frame
•
A 16-bit, modulo timer for scheduling periodic events
•
Minimal external component requirements
•
RoHS compliant (-40 to +85ºC), 16-pin, 3 x 3 x 1-mm LGA package
16-pin LGA
3 mm x 3 mm x 1 mm
Case 2094-01
MMA955xL
Top and bottom view
Top view
Pin connections
1
2
3
4
5
67
8
9
13
12
11
10
16 15 14
VDD
RGPIO7/AN1/
TPMCH1
BKGD-MS
/RGPIO9
RESETB
SCL0/RGPIO0
SCLK
VSS
RGPIO6/AN0
TPMCH0
RGPIO5/PDB_A/
INT_O
VSS
RGPIO4/INT


Similar Part No. - MMA9550LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA9550L NXP-MMA9550L Datasheet
471Kb / 27P
MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
MMA9550LR1 NXP-MMA9550LR1 Datasheet
471Kb / 27P
MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
More results

Similar Description - MMA9550LT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500 AVAGO-HEDS-5500 Datasheet
112Kb / 4P
Motion Sensing Products, Optical Encoder Modules
HEDL-5500 AVAGO-HEDL-5500 Datasheet
93Kb / 2P
Motion Sensing Products, Optical Encoder Modules
logo
Freescale Semiconductor...
FXLC95000CL FREESCALE-FXLC95000CL Datasheet
506Kb / 38P
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
logo
NXP Semiconductors
MMA9555L NXP-MMA9555L Datasheet
909Kb / 132P
MMA9555L Intelligent Motion- Sensing Pedometer
Rev. 2.3, 8/2016
logo
Gamewell-FCI by Honeywe...
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
Intelligent Fire Alarm Aspiration Sensing Technology
logo
A1 PROs co., Ltd.
AH243TS A1PROS-AH243TS Datasheet
164Kb / 2P
Intelligent Motion Detection
APC89K A1PROS-APC89K Datasheet
400Kb / 2P
Intelligent Motion Detection
logo
NXP Semiconductors
MMA955XL NXP-MMA955XL Datasheet
471Kb / 27P
MMA955xL Intelligent Motion-Sensing Platform
Rev. 3.1, 5/2015
FXLC95000CL NXP-FXLC95000CL Datasheet
727Kb / 38P
Xtrinsic FXLC95000CL Intelligent, Motion-Sensing Platform
Rev 1.2, 8/2013
logo
Advantech Co., Ltd.
ADAM-5630 ADVANTECH-ADAM-5630 Datasheet
178Kb / 1P
Edge Intelligent DA & C Platform
12-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com