Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA9550LT Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA9550LT
Description  Intelligent Motion-Sensing Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA9550LT Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA9550LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA9550LT Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MMA955xL
Sensors
8
Freescale Semiconductor, Inc.
• General-Purpose Timer/PWM Module (TPM)
–I2C master interface
–I2C or SPI slave interface
– System Integration Module (SIM)
– Clock-Generation Module
The slave interfaces (either SPI or I2C) operate independently of the CPU subsystem. They can be accessed at any time, includ-
ing while the device is in low-power, deep-sleep mode.
3.2
Packaging Information
The package pinout definition for this device is designed as a super set of functions found typically on Freescale’s ColdFire V1
CPU offering, as well as other competitive devices. All pins on the device are utilized and many are multiplexed.
The following sections describe the pinout. Users can select from multiple pin functions via the SIM pin, mux-control registers.
3.2.1
Package diagrams
Figure 2. Device pinout (top view) and package frame convention
1
2
3
4
5
67
8
9
13
12
11
10
16 15 14
VDD
RGPIO7/AN1/TPMCH1
BKGD-MS/RGPIO9
RESETB
SCL0/RGPIO0/SCLK
VSS
RGPIO6/AN0/TPMCH0
RGPIO5/PDB_A/INT_O
VSS
RGPIO4/INT
Direction of the
detectable accelerations
X
Y
Z
1
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com