Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6331LT Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMA6331LT
Description  짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6331LT Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMA6331LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Sensors
4
Freescale Semiconductor
MMA6331L
PRINCIPLE OF OPERATION
The Freescale accelerometer is a surface-micromachined
integrated-circuit accelerometer.
The device consists of a surface micromachined
capacitive sensing cell (g-cell) and a signal conditioning ASIC
contained in a single package. The sensing element is sealed
hermetically at the wafer level using a bulk micromachined
cap wafer.
The g-cell is a mechanical structure formed from
semiconductor materials (polysilicon) using semiconductor
processes (masking and etching). It can be modeled as a set
of beams attached to a movable central mass that move
between fixed beams. The movable beams can be deflected
from their rest position by subjecting the system to an
acceleration (Figure 3).
As the beams attached to the central mass move, the
distance from them to the fixed beams on one side will
increase by the same amount that the distance to the fixed
beams on the other side decreases. The change in distance
is a measure of acceleration.
The g-cell beams form two back-to-back capacitors
(Figure 3). As the center beam moves with acceleration, the
distance between the beams changes and each capacitor's
value will change, (C = A
ε/D). Where A is the area of the
beam,
ε is the dielectric constant, and D is the distance
between the beams.
The ASIC uses switched capacitor techniques to measure
the g-cell capacitors and extract the acceleration data from
the difference between the two capacitors. The ASIC also
signal conditions and filters (switched capacitor) the signal,
providing a high level output voltage that is ratiometric and
proportional to acceleration.
Figure 3. Simplified Transducer Physical Model
SPECIAL FEATURES
g-Select
The g-Select feature allows for the selection between two
sensitivities. Depending on the logic input placed on pin 10,
the device internal gain will be changed allowing it to function
with a 4g or 9g sensitivity (Table 3). This feature is ideal when
a product has applications requiring two different sensitivities
for optimum performance. The sensitivity can be changed at
anytime during the operation of the product. The g-Select pin
can be left unconnected for applications requiring only a 4g
sensitivity as the device has an internal pull-down to keep it
at that sensitivity (308 mV/g).
Sleep Mode
The 2 axis accelerometer provides a Sleep Mode that is
ideal for battery operated products. When Sleep Mode is
active, the device outputs are turned off, providing significant
reduction of operating current. A low input signal on pin 7
(Sleep Mode) will place the device in this mode and reduce
the current to 3
μA typ. For lower power consumption, it is
recommended to set g-Select to 4g mode. By placing a high
input signal on pin 7, the device will resume to normal mode
of operation.
Filtering
The 2 axis accelerometer contains an onboard single-pole
switched capacitor filter. Because the filter is realized using
switched capacitor techniques, there is no requirement for
external passive components (resistors and capacitors) to set
the cut-off frequency.
Ratiometricity
Ratiometricity simply means the output offset voltage and
sensitivity will scale linearly with applied supply voltage. That
is, as supply voltage is increased, the sensitivity and offset
increase linearly; as supply voltage decreases, offset and
sensitivity decrease linearly. This is a key feature when
interfacing to a microcontroller or an A/D converter because
it provides system level cancellation of supply induced errors
in the analog to digital conversion process.
Acceleration
Table 3. g-Select Pin Description
g-Select
g-Range
Sensitivity
0
4g
308 mV/g
1
9g
83.6 mV/g



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com