Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6331LT Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA6331LT
Description  짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6331LT Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA6331LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Sensors
6
Freescale Semiconductor
MMA6331L
Top View
+Y
-Y
+X
-X
: Arrow indicates direction of package movement.
14-Pin LGA Package
1
2
3
4
5
6
7
8
9
10
11 12
13
14
Side View
X
OUT
@0g=1.4V
Y
OUT
@ +1g = 1.708 V
X
OUT
@ +1g = 1.708 V
Y
OUT
@0g=1.4V
X
OUT
@ -1g = 1.092 V
Y
OUT
@0g=1.4V
X
OUT
@0g=1.4V
Y
OUT
@ -1g = 1.092 V
Direction of Earth's gravity field.*
Top View
X
OUT
@0g=1.4V
Y
OUT
@0g=1.4V
X
OUT
@0g=1.4V
Y
OUT
@0g=1.4V
Top
Top
Bottom
Bottom
1
2
3
4
5
6
7
8
9
10
11 12
13
14
13
12
11
10
9
8
12
34
5
6
14
7
DYNAMIC ACCELERATION
STATIC ACCELERATION
* When positioned as shown, the Earth’s gravity will result in a positive 1g output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com