Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6331LT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA6331LT
Description  짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6331LT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA6331LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6331LT Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sensors
Freescale Semiconductor
7
MMA6331L
Figure 7. MMA6331L Temperature Coefficient of Offset (TCO) and
Temperature Coefficient of Sensitivity (TCS) Distribution Charts
LSL
USL
Target
-2
-1
0
1
2
X-TCO mg/degC
LSL
USL
Target
-2
-1
0
1
2
Y-TCO mg/degC
LSL
USL
Target
-0.01
-0.005
0
.005
.01
X-TCS %/degC
LSL
USL
Target
-0.01
-0.005
0
.005
.01
Y-TCS %/degC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com