Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV4115VC6U Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPXV4115VC6U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4115VC6U Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPXV4115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPXV4115V
Sensors
Freescale Semiconductor, Inc.
3
Pressure
Maximum Ratings
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Fully Integrated Pressure Sensor Schematic for Small Outline Package
Table 2. MAXIMUM RATINGS(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure
Pmax
400
kPa
Storage Temperature
Tstg
–40 to +125
C
Operating Temperature
TA
–40 to +125
C
Sensing
Element
GND
VOUT
VS
Thin Film
Temperature
Compensation
and
Gain Stage #1
Gain Stage #2
and
Ground
Reference
Shift Circuitry
Pins 1, 5, 6, 7, and 8 are NO CONNECTS
for small outline package devices.
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com