Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV4115VC6U Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXV4115VC6U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4115VC6U Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXV4115VC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MPXV4115V
Sensors
Freescale Semiconductor, Inc.
5
Pressure
Figure 4. Applied Vacuum in kPa
(below atmospheric pressure)
–115
–95
–75
–55
–35
–15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vout vs. Vacuum
TRANSFER FUNCTION MPXV4115V
Transfer Function:
Vout = Vs*[(0.007652*P) + 0.92] ± Pressure error
*Temp Factor*0.007652*VS)
VS = 5.0 V ± 0.25 Vdc
TEMP = 0-85°C
MIN
MAX
Nominal Transfer Value:
Vout = VS (P x 0.007652 + 0.92)
± (Pressure Error x Temp. Factor x 0.007652 x VS)
VS = 5 V ± 0.25 Vdc
Transfer Function (MPXV4115V)
MPXV4115V Series
Temp
Multiplier
- 40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
Temperature Error Band
NOTE: The Temperature Multiplier is a linear response from 0
C to-40C and from 85C to 125C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com