Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV4115VC6U Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPXV4115VC6U
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV4115VC6U Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPXV4115VC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXV4115VC6U Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MPXV4115V
Sensors
6
Freescale Semiconductor, Inc.
Pressure
Pressure
Error (Max)
Pressure Error Band
–115 to 0 kPa
±1.725 kPa
–85
–60
–45
–30
–15
–115 –100
0
Pressure in kPa
(below atmospheric)
1.950
1.725
1.500
–1.500
–1.725
–1.950
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com