Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-16F Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PD-16F
Description  CEE7-VII FRANCE/BELGIUM RECEPTACLE 10A~16A 250VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-16F Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-16F Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
CEE7-VII FRANCE/BELGIUM RECEPTACLE
10A~16A 250VAC
PD-16F
-
TD
06/09/99
PAD
06/09/99
SS
06/09/99
MATERIAL AND FINISH:
Insulator: Nylon 66, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Rated current: 10A~16A
Rated voltage: 250VAC
Insulation resistance: 100 Mohm min. at 500VDC
Dielectric withstanding voltage: 2000VAC for one
minute
Ø39±1
50
19.0
10
2X Ø5.5
50
36.5
44.6±0.05
4.20±0.05
5.5
1.5
25
6.0
RECOMMENDED
PANEL CUTOUT
45


Similar Part No. - PD-16F

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
PD-1670-CABLE TRINAMIC-PD-1670-CABLE Datasheet
938Kb / 19P
PD-x-1670 Hardware Manual
2018-OCT-26
logo
Vishay Siliconix
PD-16A040 VISHAY-PD-16A040 Datasheet
67Kb / 2P
Plasma Panel Displays 16 Character, 16 Segment Alphanumeric Display with .400" [10.16mm] High Characters
08-Nov-00
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
PD-16AU-1 POWERDYNAMICS-PD-16AU-1 Datasheet
43Kb / 1P
AS 3112 AUSTRALIAN / NEW ZEALAND ROUND RECEPTACLE
More results

Similar Description - PD-16F

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP3 GREATECS-MP3 Datasheet
154Kb / 1P
Micro Switches up to 10A 125/250VAC
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
PowerDynamics, Inc
PD-16EU POWERDYNAMICS-PD-16EU Datasheet
45Kb / 1P
CEE 7/7 CONTINENTAL EUROPEAN RECEPTACLE 16A 250VAC
PD-16X POWERDYNAMICS-PD-16X Datasheet
32Kb / 1P
SOUTH AMERICAN RECEPTACLE 10A/15A 250VAC
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
L167-B ETC2-L167-B Datasheet
181Kb / 2P
10A 250Vac Single Double Pole
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Song Chuan Precision Co...
812H SONGCHUAN-812H Datasheet
95Kb / 4P
Miniature PCB Power Relays 10A 250VAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com