Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBCSERIES Datasheet(PDF) 2 Page - AVX Corporation

Part # TBCSERIES
Description  CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBCSERIES Datasheet(HTML) 2 Page - AVX Corporation

  TBCSERIES Datasheet HTML 1Page - AVX Corporation TBCSERIES Datasheet HTML 2Page - AVX Corporation TBCSERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
46
TBC Series
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CWR15 P/N CROSS REFERENCE:
SPACE LEVEL OPTIONS TO SRC9000*:
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
00 = None
23 = 10 Cycles, +25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
TBC
Type
L
Case
Size
TBC
Type
L
Case
Size
C
Standard or
Low ESR
Range
C = Std ESR
#
Inspection Level
S = Std.
Conformance
L = Group A
HOW TO ORDER
COTS-PLUS & MIL QPL (CWR15):
004
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
020 = 20Vdc
685
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
Z = Non-ER
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
9 = Gold Plated
7 = Matte Sn
(COTS-Plus only)
M = MIL (JAN)
CWR15
9 = SRC9000
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
C
Standard or
Low ESR
Range
C = Std ESR
L = Low ESR
L
Inspection Level
L = Group A
004
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
020 = 20Vdc
685
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
9
Qualification
Level
9 = SRC9000
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
9 = Gold Plated
*
Capacitance
Tolerance
J = ±5%
K = ±10%
M = ±20%
See page 6 for
additional
packaging
options.
+
Surge Test
Option
A = +25°C after Weibull
B = -55°C & +85°C
after Weibull
C = -55°C & +85°C
before Weibull
CWR15
Style
F
Voltage
Code
C = 4Vdc
D = 6Vdc
F = 10Vdc
J = 20Vdc
C
Termination
Finish
H = Solder Plated
B = Gold Plated
K = Solder Fused
685
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd digit
represents
number of zeros
to follow
–
Product Level
Designator
Weibull
B = 0.1
C = 0.01
D = 0.001
L
Case Size
*Contact factory for AVX SRC9000 Space Level SCD details.
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of 25°C
Capacitance Range:
0.47 μF to 68 μF
Capacitance Tolerance:
±5%; ±10%; ±20%
Rated Voltage: (VR)
85°C:
4
6
10
20
Category Voltage: (VC)
125°C:
2.7
4
7
13
Surge Voltage: (Vs)
85°C:
5.2
8
13
26
125°C:
3.4
5
8
16
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
0
Qualification
Level
0 = N/A
Not RoHS Compliant
Not RoHS Compliant
Not RoHS Compliant
LEAD-FREE COMPATI-
BLE
COMPONENT
For RoHS compliant products,
please select correct termination style.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com