Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBCSERIES Datasheet(PDF) 3 Page - AVX Corporation

Part # TBCSERIES
Description  CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBCSERIES Datasheet(HTML) 3 Page - AVX Corporation

  TBCSERIES Datasheet HTML 1Page - AVX Corporation TBCSERIES Datasheet HTML 2Page - AVX Corporation TBCSERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
47
TBC Series
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
Parametric Specifications by Rating per MIL-PRF-55365/12
Typical Ripple Data by Rating
Cap
DC Rated
ESR @
DCL max
DF Max
Power
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
@ 120Hz
Voltage
100kHz
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
Dissipation
Ripple
Ripple
Ripple
Ripple
Ripple
Ripple
CWR15 P/N
AVX MIL & COTS-Plus P/N
AVX SRC9000 P/N
Case
μF
V
Ohms
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
AAA
V
V
V
@ 25ºC
@ +85ºC
@ +25ºC
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
(100kHz)
CWR15CK685*^L+ TBC L 685 * 004 C # @ 0 ^ +
TBC L 685 * 004 C L @ 9 ^ +
L
6.8
4
10
0.5
5
6
8
16
12
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15CK106*^R+ TBC R 106 * 004 C # @ 0 ^ ++ TBC R 106 * 004 C L @ 9 ^ ++ R
10
4
6
0.5
5
6
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15CK156*^R+ TBC R 156 * 004 C # @ 0 ^ ++ TBC R 156 * 004 C L @ 9 ^ ++ R
15
4
6
0.6
6
7
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15CK226*^R+ TBC R 226 * 004 C # @ 0 ^ + TBC R 226 * 004 C L @ 9 ^ +
R
22
4
6
0.9
9
11
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15CK336*^R+ TBC R 336 * 004 C # @ 0 ^ + TBC R 336 * 004 C L @ 9 ^ +
R
33
4
6
1.3
13
16
10
20
15
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15CK686*^A+ TBC A 686 * 004 C # @ 0 ^ + TBC A 686 * 004 C L @ 9 ^ +
A
68
4
1
2.7
27
33
15
30
23
0.040
0.20
0.18
0.08
0.20
0.18
0.08
CWR15DK335*^L+ TBC L 335 * 006 C # @ 0 ^ +
TBC L 335 * 006 C L @ 9 ^ +
L
3.3
6
10
0.5
5
6
6
12
9
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15DK475*^L+ TBC L 475 * 006 C # @ 0 ^ +
TBC L 475 * 006 C L @ 9 ^ +
L
4.7
6
10
0.5
5
6
8
16
12
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15DK685*^R+ TBC R 685 * 006 C # @ 0 ^ ++ TBC R 477 * 685 C L @ 9 ^ ++ R
6.8
6
6
0.5
5
6
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15DK106*^R+ TBC R 106 * 006 C # @ 0 ^ ++ TBC R 478 * 106 C L @ 9 ^ ++ R
10
6
6
0.6
6
7
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15DK156*^R+ TBC R 156 * 006 C # @ 0 ^ + TBC R 156 * 006 C L @ 9 ^ +
R
15
6
6
0.9
9
11
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15DK226*^A+ TBC A 226 * 006 C # @ 0 ^ + TBC A 226 * 006 C L @ 9 ^ +
A
22
6
6
1.4
14
17
10
20
15
0.040
0.08
0.07
0.03
0.49
0.44
0.20
CWR15DK336*^A+ TBC A 336 * 006 C # @ 0 ^ + TBC A 336 * 006 C L @ 9 ^ +
A
33
6
6
2
20
24
10
20
15
0.040
0.08
0.07
0.03
0.49
0.44
0.20
CWR15DK476*^A+ TBC A 476 * 006 C # @ 0 ^ + TBC A 476 * 006 C L @ 9 ^ +
A
47
6
4
2.8
28
34
15
30
23
0.040
0.10
0.09
0.04
0.40
0.36
0.16
CWR15FK474*^L+ TBC L 474 * 010 C # @ 0 ^ +
TBC L 474 * 010 C L @ 9 ^ +
L
0.47
10
12
0.5
5
6
6
12
9
0.025
0.05
0.04
0.02
0.55
0.49
0.22
CWR15FK684*^L+ TBC L 684 * 010 C # @ 0 ^ +
TBC L 684 * 010 C L @ 9 ^ +
L
0.68
10
10
0.5
5
6
6
12
9
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15FK105*^L+ TBC L 105 * 010 C # @ 0 ^ +
TBC L 105 * 010 C L @ 9 ^ +
L
1
10
10
0.5
5
6
6
12
9
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15FK155*^L+ TBC L 155 * 010 C # @ 0 ^ +
TBC L 155 * 010 C L @ 9 ^ +
L
1.5
10
10
0.5
5
6
6
12
9
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15FK225*^L+ TBC L 225 * 010 C # @ 0 ^ +
TBC L 225 * 010 C L @ 9 ^ +
L
2.2
10
10
0.5
5
6
6
12
9
0.025
0.05
0.05
0.02
0.50
0.45
0.20
CWR15FK335*^R+ TBC R 335 * 010 C # @ 0 ^ + TBC R 335 * 010 C L @ 9 ^ +
R
3.3
10
6
0.5
5
6
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15FK475*^R+ TBC R 475 * 010 C # @ 0 ^ + TBC R 475 * 010 C L @ 9 ^ +
R
4.7
10
6
0.5
5
6
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15FK685*^R+ TBC R 685 * 010 C # @ 0 ^ + TBC R 685 * 010 C L @ 9 ^ +
R
6.8
10
6
0.7
7
8.5
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15FK106*^R+ TBC R 106 * 010 C # @ 0 ^ + TBC R 106 * 010 C L @ 9 ^ +
R
10
10
6
1
10
12
8
16
12
0.045
0.09
0.08
0.03
0.52
0.47
0.21
CWR15FK156*^R+ TBC A 156 * 010 C # @ 0 ^ + TBC A 156 * 010 C L @ 9 ^ +
A
15
10
6
1.5
15
18
10
20
15
0.040
0.08
0.07
0.03
0.49
0.44
0.20
CWR15JK474*^R+ TBC L 474 * 020 C # @ 0 ^ +
TBC L 474 * 020 C L @ 9 ^ +
L
0.47
20
24
0.5
5
6
6
12
9
0.025
0.03
0.03
0.01
0.77
0.70
0.31
RATING & PART NUMBER REFERENCE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com