Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBCSERIES Datasheet(PDF) 1 Page - AVX Corporation

Part # TBCSERIES
Description  CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TBCSERIES Datasheet(HTML) 1 Page - AVX Corporation

  TBCSERIES Datasheet HTML 1Page - AVX Corporation TBCSERIES Datasheet HTML 2Page - AVX Corporation TBCSERIES Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
45
Case
Length (L)
Width (W)
Height (H)
Term. Width (W1)
Code
L
1.60+0.25/-0.15
0.85+0.20/-0.10
0.85+0.20/-0.10
0.15+0.35/-0.00
(0.063+0.010/-0.006)
(0.033+0.008/-0.004)
(0.033+0.008/-0.004)
(0.006+0.014/-0.000)
R
2.00+0.25/-0.15
1.35+0.20/-0.10
1.35+0.20/-0.10
0.15+0.35/-0.00
(0.079+0.010/-0.006)
(0.053+0.008/-0.004)
(0.053+0.008/-0.004)
(0.006+0.014/-0.000)
A
3.20±0.20
1.60±0.20
1.60±0.20
0.15+0.35/-0.00
(0.126±0.008)
(0.063±0.008)
(0.063±0.008)
(0.006+0.014/-0.000)
TBC Series
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
AVX announces the world’s smallest
military approved tantalum chip capac-
itors. The CWR15 offers 0603, 0805
and 1206 case sizes in capacitance/
voltage combinations previously only
available in much larger packages.
The revolutionary AVX TACmicrochip
®
technology offers designers significant
opportunity to downsize circuits for
military and aerospace applications.
The product is manufactured in the
AVX Tantalum high reliability facility in
Biddeford, Maine which is also home
to the CWR09, CWR11, CWR19 and
CWR29 product lines.
CASE DIMENSIONS: millimeters (inches)
H
L
W
P
P
POLARITY BAND NOT TO
EXCEED 75% OF BODY
Further extensions of the CWR15 product are planned for later in 2009. A new case size will be added, and the voltage range will be
extended to 20 volts. Ratings of 100 µF at 4 volts to 10 µF at 20 volts will be included in this extension of the product line.
Capacitance
Voltage Rating DC (V
R) at 85°C
μF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
0.33
334
0.47
474
L
L
0.68
684
L
1.0
105
L
1.5
155
L
2.2
225
L
3.3
335
L
R
4.7
475
L
R
6.8
685
L
R
R
10
106
R
R
R
15
156
R
R
A
22
226
R
A
33
336
R
A
47
476
A
68
686
A
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)


Similar Part No. - TBCSERIES

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
TBCSS-1-DV MAJOR-LEAGUE-TBCSS-1-DV Datasheet
87Kb / 2P
Thicker Box Connector Socket Strip Vertical
TBCSS-1-SV MAJOR-LEAGUE-TBCSS-1-SV Datasheet
88Kb / 2P
Thicker Box Connector Socket Strip Vertical
More results

Similar Description - TBCSERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ERH VISHAY-ERH Datasheet
230Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
29-May-08
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
22-Oct-08
logo
AVX Corporation
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11HH106KCB AVX-CWR11HH106KCB Datasheet
145Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RER VISHAY-RER Datasheet
172Kb / 3P
Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
23-Jun-16
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
Wet Tantalum Capacitors, Space Level, Established Reliability, DLA Land and Maritime Drawings 06013, 06014, 06015, 06016
10-Aug-2020
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
CWR09 - MIL-PRF-55365/4 Established Reliability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com