Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet (PDF) - Kyocera Kinseki Corpotation

TAZ Datasheet PDF - Kyocera Kinseki Corpotation
Part # TAZ
Download  TAZ Download
File Size   1692.54 Kbytes
Page   14 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CWR09 - MIL-PRF-55365/4 Established Reliability

TAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
TAZ Datasheet PDF - Kyocera Kinseki Corpotation

Part # TAZ
Download  TAZ Click to download

File Size   1692.54 Kbytes
Page   14 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description CWR09 - MIL-PRF-55365/4 Established Reliability

TAZ Datasheet (HTML) - Kyocera Kinseki Corpotation


TAZ Product details

This is the original high reliability molded
tantalum chip series and the case sizes still
represent the most flexible of surface mount
form factors. TAZ offers nine case sizes,
eight of which (A through H) are fully qualified
to MILPRF-55365/4, and also includes the
original sub-miniature R case (non-QPL).
This series is fully interchangeable with CWR06
conformal types, while offering the advantages of
molded body/compliant termination construction
(ensuring no TCE mismatch with any substrate).
This construction is compatible with a wide range
of SMT board assembly processes including
convection reflow solder, conductive epoxy or
compression bonding techniques.
The parts also carry full polarity and capacitance
/ voltage marking. The five smaller cases are
characterized by their low profile construction,
with the A case being the world’s smallest
molded military tantalum chip.
All 4V to 50V ratings are qualified to MILPRF-55365 Weibull “B”, “C”, “D” and “T” levels,
with all surge options (“A”, “B” & “C”) available.
For Space Level applications, KYOCERA AVX SRC
9000 qualification is recommended (see ratings
table for part number availability).
There are four termination finishes available: solder
plated, fused solder plated, hot solder dipped and
gold plated (these are “H”, “K”, “C” and “B” termination,
respectively, per MIL-PRF-55365). In addition, the
molding compound has been selected to meet the
requirements of UL94V-0 (Flame Retardancy) and
outgassing requirements of ASTM E-595.
For moisture sensitivity levels please refer to the
High Reliability Tantalum MSL section located in the
back of the High Reliability Tantalum Catalog




Similar Part No. - TAZ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZA225004C AVX-TAZA225004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZB475004C AVX-TAZB475004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZD106004C AVX-TAZD106004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZE156004C AVX-TAZE156004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZF336004c AVX-TAZF336004c Datasheet
895Kb / 51P
Introduction AVX Tantalum
More results


Similar Description - TAZ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
AVX Corporation
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
ERL VISHAY-ERL Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
AVX Corporation
CWR11HH106KCB AVX-CWR11HH106KCB Datasheet
145Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
21-Sep-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
25-Aug-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com