Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
17
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical RMS Ripple Data by Rating
Cap@
120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
CWR09 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case
μF@
25ºC
V @
+85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR19C^335*@A
+
TAZ A 335 * 004 C  # @ 0 ^ ++
TAZ A 335 * 004 C  L C 9 ^ ++
A
3.3
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^475*@A
+
TAZ A 475 * 004 C  # @ 0 ^ ++
TAZ A 475 * 004 C  L C 9 ^ ++
A
4.7
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^685*@A
+
TAZ A 685 * 004 C  # @ 0 ^ ++
TAZ A 685 * 004 C  L C 9 ^ ++
A
6.8
4
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19C^106*@B
+
TAZ B 106 * 004 C  # @ 0 ^ ++
TAZ B 106 * 004 C  L C 9 ^ ++
B
10
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^156*@B
+
TAZ B 156 * 004 C  # @ 0 ^ ++
TAZ B 156 * 004 C  L C 9 ^ ++
B
15
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^226*@B
+
TAZ B 226 * 004 C  # @ 0 ^ ++
TAZ B 226 * 004 C  L C 9 ^ ++
B
22
4
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19C^226*@D
+
TAZ D 226 * 004 C  # @ 0 ^ ++
TAZ D 226 * 004 C  L C 9 ^ ++
D
22
4
4
1
10
12
8
10
12
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19C^336*@D
+
TAZ D 336 * 004 C  # @ 0 ^ ++
TAZ D 336 * 004 C  L C 9 ^ ++
D
33
4
4
2
20
24
8
10
12
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19C^336*@E
+
TAZ E 336 * 004 C  # @ 0 ^ ++
TAZ E 336 * 004 C  L C 9 ^ ++
E
33
4
3
2
20
24
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^476*@E
+
TAZ E 476 * 004 C  # @ 0 ^ ++
TAZ E 476 * 004 C  L C 9 ^ ++
E
47
4
3
2
20
24
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^686*@E
+
TAZ E 686 * 004 C  # @ 0 ^ ++
TAZ E 686 * 004 C  L C 9 ^ ++
E
68
4
3
3
30
36
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19C^107*@F
+
TAZ F 107 * 004 C  # @ 0 ^ ++
TAZ F 107 * 004 C  L C 9 ^ ++
F
100
4
2
4
40
48
10
12
12
0.100
0.22
0.20
0.09
0.45
0.40
0.18
CWR19C^157*@G
+
TAZ G 157 * 004 C  # @ 0 ^ ++
TAZ G 157 * 004 C  L C 9 ^ ++
G
150
4
1
6
60
72
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19C^227*@H
+
TAZ H 227 * 004 C  # @ 0 ^ ++
TAZ H 227 * 004 C  L C 9 ^ ++
H
220
4
1
8
80
96
10
12
12
0.150
0.39
0.35
0.15
0.39
0.35
0.15
CWR19C^337*@H
+
TAZ H 337 * 004 C  # @ 0 ^ ++
TAZ H 337 * 004 C  L C 9 ^ ++
H
330
4
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19D^335*@A
+
TAZ A 335 * 006 C  # @ 0 ^ ++
TAZ A 335 * 006 C  L C 9 ^ ++
A
3.3
6
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19D^475*@A
+
TAZ A 475 * 006 C  # @ 0 ^ ++
TAZ A 475 * 006 C  L C 9 ^ ++
A
4.7
6
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19D^685*@B
+
TAZ B 685 * 006 C  # @ 0 ^ ++
TAZ B 685 * 006 C  L C 9 ^ ++
B
6.8
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^106*@B
+
TAZ B 106 * 006 C  # @ 0 ^ ++
TAZ B 106 * 006 C  L C 9 ^ ++
B
10
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^156*@B
+
TAZ B 156 * 006 C  # @ 0 ^ ++
TAZ B 156 * 006 C  L C 9 ^ ++
B
15
6
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19D^156*@D
+ TAZ D 156 * 006 C  # @ 0 ^ ++
TAZ D 156 * 006 C  L C 9 ^ ++
D
15
6
5
1
10
12
8
10
12
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19D^226*@D
+ TAZ D 226 * 006 C  # @ 0 ^ ++
TAZ D 226 * 006 C  L C 9 ^ ++
D
22
6
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19D^156*@E
+
TAZ E 156 * 006 C  # @ 0 ^ ++
TAZ E 156 * 006 C  L C 9 ^ ++
E
15
6
3
1
10
12
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19D^226*@E
+
TAZ E 226 * 006 C  # @ 0 ^ ++
TAZ E 226 * 006 C  L C 9 ^ ++
E
22
6
3.5
2
20
24
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19D^336*@E
+
TAZ E 336 * 006 C  # @ 0 ^ ++
TAZ E 336 * 006 C  L C 9 ^ ++
E
33
6
3.5
2
20
24
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19D^476*@F
+
TAZ F 476 * 006 C  # @ 0 ^ ++
TAZ F 476 * 006 C  L C 9 ^ ++
F
47
6
3.5
3
30
36
8
10
12
0.100
0.17
0.15
0.07
0.59
0.53
0.24
CWR19D^686*@F
+
TAZ F 686 * 006 C  # @ 0 ^ ++
TAZ F 686 * 006 C  L C 9 ^ ++
F
68
6
1.5
4
40
48
10
12
12
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19D^686*@G
+ TAZ G 686 * 006 C  # @ 0 ^ ++
TAZ G 686 * 006 C  L C 9 ^ ++
G
68
6
1
4
40
48
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19D^107*@G
+ TAZ G 107 * 006 C  # @ 0 ^ ++
TAZ G 107 * 006 C  L C 9 ^ ++
G
100
6
1.1
6
60
72
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19D^157*@G
+ TAZ G 157 * 006 C  # @ 0 ^ ++
TAZ G 157 * 006 C  L C 9 ^ ++
G
150
6
1.1
10
100
120
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19D^227*@H
+
TAZ H 227 * 006 C  # @ 0 ^ ++
TAZ H 227 * 006 C  L C 9 ^ ++
H
220
6
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19D^337*@H
+
TAZ H 337 * 006 C  # @ 0 ^ ++
TAZ H 337 * 006 C  L C 9 ^ ++
H
330
6
0.9
20
200
240
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^225*@A
+
TAZ A 225 * 010 C  # @ 0 ^ ++
TAZ A 225 * 010 C  L C 9 ^ ++
A
2.2
10
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19F^335*@A
+
TAZ A 335 * 010 C  # @ 0 ^ ++
TAZ A 335 * 010 C  L C 9 ^ ++
A
3.3
10
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR19F^475*@B
+
TAZ B 475 * 010 C  # @ 0 ^ ++
TAZ B 475 * 010 C  L C 9 ^ ++
B
4.7
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^685*@B
+
TAZ B 685 * 010 C  # @ 0 ^ ++
TAZ B 685 * 010 C  L C 9 ^ ++
B
6.8
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^106*@B
+
TAZ B 106 * 010 C  # @ 0 ^ ++
TAZ B 106 * 010 C  L C 9 ^ ++
B
10
10
8
1
10
12
8
10
10
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR19F^475*@C
+
TAZ C 475 * 010 C  # @ 0 ^ ++
TAZ C 475 * 010 C  L C 9 ^ ++
C
4.7
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^685*@C
+
TAZ C 685 * 010 C  # @ 0 ^ ++
TAZ C 685 * 010 C  L C 9 ^ ++
C
6.8
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^106*@C
+
TAZ C 106 * 010 C  # @ 0 ^ ++
TAZ C 106 * 010 C  L C 9 ^ ++
C
10
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19F^685*@D
+
TAZ D 685 * 010 C  # @ 0 ^ ++
TAZ D 685 * 010 C  L C 9 ^ ++
D
6.8
10
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19F^106*@D
+
TAZ D 106 * 010 C  # @ 0 ^ ++
TAZ D 106 * 010 C  L C 9 ^ ++
D
10
10
4
1
10
12
6
8
8
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR19F^156*@D
+
TAZ D 156 * 010 C  # @ 0 ^ ++
TAZ D 156 * 010 C  L C 9 ^ ++
D
15
10
5
2
20
24
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR19F^106*@E
+
TAZ E 106 * 010 C  # @ 0 ^ ++
TAZ E 106 * 010 C  L C 9 ^ ++
E
10
10
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR19F^156*@E
+
TAZ E 156 * 010 C  # @ 0 ^ ++
TAZ E 156 * 010 C  L C 9 ^ ++
E
15
10
3
2
20
24
8
10
10
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19F^226*@E
+
TAZ E 226 * 010 C  # @ 0 ^ ++
TAZ E 226 * 010 C  L C 9 ^ ++
E
22
10
2
3
30
36
8
10
10
0.090
0.21
0.19
0.08
0.42
0.38
0.17
CWR19F^336*@F
+
TAZ F 336 * 010 C  # @ 0 ^ ++
TAZ F 336 * 010 C  L C 9 ^ ++
F
33
10
1.5
3
30
36
8
10
10
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19F^476*@F
+
TAZ F 476 * 010 C  # @ 0 ^ ++
TAZ F 476 * 010 C  L C 9 ^ ++
F
47
10
1.5
4
40
48
10
12
12
0.100
0.26
0.23
0.10
0.39
0.35
0.15
CWR19F^476*@G
+
TAZ G 476 * 010 C  # @ 0 ^ ++
TAZ G 476 * 010 C  L C 9 ^ ++
G
47
10
1
4
40
48
10
12
12
0.125
0.35
0.32
0.14
0.35
0.32
0.14
CWR19F^686*@G
+
TAZ G 686 * 010 C  # @ 0 ^ ++
TAZ G 686 * 010 C  L C 9 ^ ++
G
68
10
1.1
6
60
72
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19F^107*@G
+
TAZ G 107 * 010 C  # @ 0 ^ ++
TAZ G 107 * 010 C  L C 9 ^ ++
G
100
10
1.1
10
100
120
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19F^107*@H
+
TAZ H 107 * 010 C  # @ 0 ^ ++
TAZ H 107 * 010 C  L C 9 ^ ++
H
100
10
0.9
10
100
120
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR19 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com