Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 11 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 11 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
21
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC +(85/125)ºC -55ºC
CWR29 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case μF @ 25ºC
V @ +85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR29C^225*@A+
TAZA225*004L#@0^++
TAZA225*004LLC9^++
A
2.2
4
4
1
10
12
6
8
8
0.050
0.11
0.10
0.04
0.45
0.40
0.18
CWR29C^335*@A+
TAZA335*004L#@0^++
TAZA335*004LLC9^++
A
3.3
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^475*@A+
TAZA475*004L#@0^++
TAZA475*004LLC9^++
A
4.7
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^475*@B+
TAZB475*004L#@0^++
TAZB475*004LLC9^++
B
4.7
4
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^685*@A+
TAZA685*004L#@0^++
TAZA685*004LLC9^++
A
6.8
4
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29C^685*@C+
TAZC685*004L#@0^++
TAZC685*004LLC9^++
C
6.8
4
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29C^106*@B+
TAZB106*004L#@0^++
TAZB106*004LLC9^++
B
10
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^106*@D+
TAZD106*004L#@0^++
TAZD106*004LLC9^++
D
10
4
1.3
1
10
12
8
8
10
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^156*@B+
TAZB156*004L#@0^++
TAZB156*004LLC9^++
B
15
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^156*@E+
TAZE156*004L#@0^++
TAZE156*004LLC9^++
E
15
4
1
1
10
12
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29C^226*@B+
TAZB226*004L#@0^++
TAZB226*004LLC9^++
B
22
4
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29C^226*@D+
TAZD226*004L#@0^++
TAZD226*004LLC9^++
D
22
4
1.3
1
10
12
8
10
12
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^336*@D+
TAZD336*004L#@0^++
TAZD336*004LLC9^++
D
33
4
1.3
2
20
24
8
10
12
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29C^336*@E+
TAZE336*004L#@0^++
TAZE336*004LLC9^++
E
33
4
0.9
2
20
24
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^336*@F+
TAZF336*004L#@0^++
TAZF336*004LLC9^++
F
33
4
0.6
2
20
24
8
10
12
0.100
0.41
0.37
0.16
0.24
0.22
0.10
CWR29C^476*@E+
TAZE476*004L#@0^++
TAZE476*004LLC9^++
E
47
4
0.9
2
20
24
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^686*@E+
TAZE686*004L#@0^++
TAZE686*004LLC9^++
E
68
4
0.9
3
30
36
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29C^686*@G+
TAZG686*004L#@0^++
TAZG686*004LLC9^++
G
68
4
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29C^107*@F+
TAZF107*004L#@0^++
TAZF107*004LLC9^++
F
100
4
0.55
4
40
48
10
12
12
0.100
0.43
0.38
0.17
0.23
0.21
0.09
CWR29C^107*@H+
TAZH107*004L#@0^++
TAZH107*004LLC9^++
H
100
4
0.18
4
40
48
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29C^157*@G+
TAZG157*004L#@0^++
TAZG157*004LLC9^++
G
150
4
0.25
6
60
72
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29C^227*@H+
TAZH227*004L#@0^++
TAZH227*004LLC9^++
H
220
4
0.2
8
80
96
10
12
12
0.150
0.87
0.78
0.35
0.17
0.16
0.07
CWR29C^337*@H+
TAZH337*004L#@0^++
TAZH337*004LLC9^++
H
330
4
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^155*@A+
TAZA155*006L#@0^++
TAZA155*006LLC9^++
A
1.5
6
4
1
10
12
6
8
8
0.050
0.11
0.10
0.04
0.45
0.40
0.18
CWR29D^335*@A+
TAZA335*006L#@0^++
TAZA335*006LLC9^++
A
3.3
6
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29D^335*@B+
TAZB335*006L#@0^++
TAZB335*006LLC9^++
B
3.3
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^475*@A+
TAZA475*006L#@0^++
TAZA475*006LLC9^++
A
4.7
6
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29D^475*@C+
TAZC475*006L#@0^++
TAZC475*006LLC9^++
C
4.7
6
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29D^685*@B+
TAZB685*006L#@0^++
TAZB685*006LLC9^++
B
6.8
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^685*@D+
TAZD685*006L#@0^++
TAZD685*006LLC9^++
D
6.8
6
1.5
1
10
12
6
8
8
0.080
0.23
0.21
0.09
0.35
0.31
0.14
CWR29D^106*@B+
TAZB106*006L#@0^++
TAZB106*006LLC9^++
B
10
6
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^106*@E+
TAZE106*006L#@0^++
TAZE106*006LLC9^++
E
10
6
1
1
10
12
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^156*@B+
TAZB156*006L#@0^++
TAZB156*006LLC9^++
B
15
6
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29D^156*@D+
TAZD156*006L#@0^++
TAZD156*006LLC9^++
D
15
6
1.7
1
10
12
8
10
12
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29D^156*@E+
TAZE156*006L#@0^++
TAZE156*006LLC9^++
E
15
6
0.9
1
10
12
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29D^226*@D+
TAZD226*006L#@0^++
TAZD226*006LLC9^++
D
22
6
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29D^226*@E+
TAZE226*006L#@0^++
TAZE226*006LLC9^++
E
22
6
1
2
20
24
8
10
12
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^226*@F+
TAZF226*006L#@0^++
TAZF226*006LLC9^++
F
22
6
0.6
2
20
24
8
10
12
0.100
0.41
0.37
0.16
0.24
0.22
0.10
CWR29D^336*@E+
TAZE336*006L#@0^++
TAZE336*006LLC9^++
E
33
6
1
2
20
24
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29D^476*@F+
TAZF476*006L#@0^++
TAZF476*006LLC9^++
F
47
6
1
3
30
36
8
10
12
0.100
0.32
0.28
0.13
0.32
0.28
0.13
CWR29D^476*@G+
TAZG476*006L#@0^++
TAZG476*006LLC9^++
G
47
6
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^686*@F+
TAZF686*006L#@0^++
TAZF686*006LLC9^++
F
68
6
0.4
4
40
48
10
12
12
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29D^686*@G+
TAZG686*006L#@0^++
TAZG686*006LLC9^++
G
68
6
0.25
4
40
48
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29D^686*@H+
TAZH686*006L#@0^++
TAZH686*006LLC9^++
H
68
6
0.18
4
40
48
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^107*@G+
TAZG107*006L#@0^++
TAZG107*006LLC9^++
G
100
6
0.275
6
60
72
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^157*@G+
TAZG157*006L#@0^++
TAZG157*006LLC9^++
G
150
6
0.275
10
100
120
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29D^227*@H+
TAZH227*006L#@0^++
TAZH227*006LLC9^++
H
220
6
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29D^337*@H+
TAZH337*006L#@0^++
TAZH337*006LLC9^++
H
330
6
0.18
20
200
240
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^105*@A+
TAZA105*010L#@0^++
TAZA105*010LLC9^++
A
1
10
5
1
10
12
6
8
8
0.050
0.10
0.09
0.04
0.50
0.45
0.20
CWR29F^225*@A+
TAZA225*010L#@0^++
TAZA225*010LLC9^++
A
2.2
10
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29F^225*@B+
TAZB225*010L#@0^++
TAZB225*010LLC9^++
B
2.2
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR29 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com