Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  TAZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
14
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@
100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)
ºC
-55ºC
CWR09 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case
μF
@ 25ºC
V
@ +85ºC
Ohms
@ +25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR09K^334*
@+
TAZ A 334 * 025 C  #
@ 0 ^ ++
TAZ A 334 * 025 C  L
C 9 ^ ++
A
0.33
25
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR09K^684*
@+
TAZ B 684 * 025 C  #
@ 0 ^ ++
TAZ B 684 * 025 C  L
C 9 ^ ++
B
0.68
25
7.5
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.72
0.65
0.29
CWR09K^105*
@+
TAZ C 105 * 025 C  #
@ 0 ^ ++
TAZ C 105 * 025 C  L
C 9 ^ ++
C
1
25
6.5
1
10
12
6
8
8
0.075
0.11
0.10
0.04
0.70
0.63
0.28
CWR09K^155*
@+
TAZ D 155 * 025 C  #
@ 0 ^ ++
TAZ D 155 * 025 C  L
C 9 ^ ++
D
1.5
25
6.5
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.72
0.65
0.29
CWR09K^225*
@+
TAZ E 225 * 025 C  #
@ 0 ^ ++
TAZ E 225 * 025 C  L
C 9 ^ ++
E
2.2
25
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09K^475*
@+
TAZ F 475 * 025 C  #
@ 0 ^ ++
TAZ F 475 * 025 C  L
C 9 ^ ++
F
4.7
25
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09K^685*
@+
TAZ G 685 * 025 C  #
@ 0 ^ ++
TAZ G 685 * 025 C  L
C 9 ^ ++
G
6.8
25
1.2
2
20
24
6
8
8
0.125
0.32
0.29
0.13
0.39
0.35
0.15
CWR09K^106*
@+
TAZ G 106 * 025 C  #
@ 0 ^ ++
TAZ G 106 * 025 C  L
C 9 ^ ++
G
10
25
1.4
3
30
36
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR09K^156*
@+
TAZ H 156 * 025 C  #
@ 0 ^ ++
TAZ H 156 * 025 C  L
C 9 ^ ++
H
15
25
1
4
40
48
6
8
8
0.150
0.39
0.35
0.15
0.39
0.35
0.15
CWR09M^224*
@+
TAZ A 224 * 035 C #
@ 0 ^ ++
TAZ A 224 * 035 C L
C 9 ^ ++
A
0.22
35
18
1
10
12
6
8
8
0.050
0.05
0.05
0.02
0.95
0.85
0.38
CWR09M^474*
@+
TAZ B 474 * 035 C #
@ 0 ^ ++
TAZ B 474 * 035 C L
C 9 ^ ++
B
0.47
35
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR09M^684*
@+
TAZ C 684 * 035 C #
@ 0 ^ ++
TAZ C 684 * 035 C L
C 9 ^ ++
C
0.68
35
8
1
10
12
6
8
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR09M^105*
@+
TAZ D 105 * 035 C #
@ 0 ^ ++
TAZ D 105 * 035 C L
C 9 ^ ++
D
1
35
6.5
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.72
0.65
0.29
CWR09M^155*
@+
TAZ E 155 * 035 C #
@ 0 ^ ++
TAZ E 155 * 035 C L
C 9 ^ ++
E
1.5
35
4.5
1
10
12
6
8
8
0.090
0.14
0.13
0.06
0.64
0.57
0.25
CWR09M^335*
@+
TAZ F 335 * 035 C #
@ 0 ^ ++
TAZ F 335 * 035 C L
C 9 ^ ++
F
3.3
35
2.5
1
10
12
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09M^475*
@+
TAZ G 475 * 035 C #
@ 0 ^ ++
TAZ G 475 * 035 C L
C 9 ^ ++
G
4.7
35
1.5
2
20
24
6
8
8
0.125
0.29
0.26
0.12
0.43
0.39
0.17
CWR09M^685*
@+
TAZ H 685 * 035 C #
@ 0 ^ ++
TAZ H 685 * 035 C L
C 9 ^ ++
H
6.8
35
1.3
3
30
36
6
8
8
0.150
0.34
0.31
0.14
0.44
0.40
0.18
CWR09N^104*
@+
TAZ A 104 * 050 C #
@ 0 ^ ++
TAZ A 104 * 050 C L
C 9 ^ ++
A
0.1
50
22
1
10
12
6
8
8
0.050
0.05
0.04
0.02
1.05
0.94
0.42
CWR09N^154*
@+
TAZ A 154 * 050 C #
@ 0 ^ ++
TAZ A 154 * 050 C L
C 9 ^ ++
A
0.15
50
17
1
10
12
6
8
8
0.050
0.05
0.05
0.02
0.92
0.83
0.37
CWR09N^224*
@+
TAZ B 224 * 050 C #
@ 0 ^ ++
TAZ B 224 * 050 C L
C 9 ^ ++
B
0.22
50
14
1
10
12
6
8
8
0.070
0.07
0.06
0.03
0.99
0.89
0.40
CWR09N^334*
@+
TAZ B 334 * 050 C #
@ 0 ^ ++
TAZ B 334 * 050 C L
C 9 ^ ++
B
0.33
50
12
1
10
12
6
8
8
0.070
0.08
0.07
0.03
0.92
0.82
0.37
CWR09N^474*
@+
TAZ C 474 * 050 C #
@ 0 ^ ++
TAZ C 474 * 050 C L
C 9 ^ ++
C
0.47
50
8
1
10
12
6
8
8
0.075
0.10
0.09
0.04
0.77
0.70
0.31
CWR09N^684*
@+
TAZ D 684 * 050 C #
@ 0 ^ ++
TAZ D 684 * 050 C L
C 9 ^ ++
D
0.68
50
7
1
10
12
6
8
8
0.080
0.11
0.10
0.04
0.75
0.67
0.30
CWR09N^105*
@+
TAZ E 105 * 050 C #
@ 0 ^ ++
TAZ E 105 * 050 C L
C 9 ^ ++
E
1
50
6
1
10
12
6
8
8
0.090
0.12
0.11
0.05
0.73
0.66
0.29
CWR09N^155*
@+
TAZ F 155 * 050 C #
@ 0 ^ ++
TAZ F 155 * 050 C L
C 9 ^ ++
F
1.5
50
4
1
10
12
6
8
8
0.100
0.16
0.14
0.06
0.63
0.57
0.25
CWR09N^225*
@+
TAZ F 225 * 050 C #
@ 0 ^ ++
TAZ F 225 * 050 C L
C 9 ^ ++
F
2.2
50
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09N^335*
@+
TAZ G 335 * 050 C #
@ 0 ^ ++
TAZ G 335 * 050 C L
C 9 ^ ++
G
3.3
50
2
2
20
24
6
8
8
0.125
0.25
0.23
0.10
0.50
0.45
0.20
CWR09N^475*
@+
TAZ H 475 * 050 C #
@ 0 ^ ++
TAZ H 475 * 050 C L
C 9 ^ ++
H
4.7
50
1.5
3
30
36
6
8
8
0.150
0.32
0.28
0.13
0.47
0.43
0.19
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR09 - MIL-PRF-55365/4 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com