Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  TAZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
12
HOW TO ORDER
COTS-PLUS & MIL QPL (CWR09):
TAZ
TAZ
CWR09
686
D
^
*
+
C
686
686
006
006
H
H
C
C
#
L
@
C
0
9
++
++
^
^
*
*
Type
Type
Type
Case
Size
Case
Size
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd digit
represents
multiplier
(number of zeros
to follow)
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
Bulk = Standard
\TR = 7” T&R
\TR13 = 13” T&R
\W = Waffle
See page 8
for additional
packaging
options.
Termination
Finish
H =Solder Plated
K = Solder Fused
C = Hot Solder
Dipped
B = Gold Plated
Voltage
Code
C = 4Vdc
D = 6Vdc
F = 10Vdc
H = 15Vdc
J = 20Vdc
K = 25Vdc
M = 35Vdc
N = 50Vdc
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
015 = 15Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
015 = 15Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
Inspection Level
S = Std.
Conformance
L = Group A
Inspection Level
L = Group A
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
Z = Non-ER
Reliability Grade
Weibull:
C = 0.01%/1000 hrs.
90% conf.
Reliability
Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D =0.001%/1000
hrs. 90% conf.
T = T Level
A = Non-ER
Surge Test
Option
A = 10 cycles, +25°C
B = 10 cycles,
-55°C & +85°C
C = 10 cycles,
-55°C & +85°C
before Weibull
If blank,
None required
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder
Dipped
9 = Gold Plated
7 = Matte Sn
(COTS-Plus
only)
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder Dipped
9 = Gold Plated
Surge Test
Option
00 = None
23 = 10 Cycles,+25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
Surge Test
Option
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
GC =Group C Testing and
Data
OR =TOR compliant
testing and data
Qualification
Level
0 = N/A
T = T Level
9 = SRC9000
Qualification
Level
9 = SRC9000
Standard or
Low ESR
Range
C = Std ESR
Standard or
Low ESR
Range
C = Std ESR
L = Low ESR
Packaging
B = Bulk
R = 7” T&R
S = 13” T&R
W = Waffle
See page 8
for additional
packaging
options.
Packaging
B = Bulk
R = 7” T&R
S = 13” T&R
W = Waffle
See page 8
for additional
packaging
options.
M = MIL (JAN)
CWR09
LEAD-FREE COMPATIBLE
COMPONENT
LEAD-FREE COMPATIBLE
COMPONENT
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
For RoHS compliant products,
please select correct termination style.
For RoHS compliant products,
please select correct termination style.
CWR09 P/N CROSS REFERENCE:
SPACE LEVEL OPTIONS TO SRC9000*:
*Contact factory for SRC9000 Space Level SCD details.
TECHNICAL SPECIFICATIONS
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of 25°C
Capacitance Range:
0.10 μF to 100 μF
Capacitance Tolerance:
±5%; ±10%; ±20%
Rated Voltage (VR)
≤ 85°C:
4
6
10
15
20
25
35
50
Category Voltage (VC)
≤125°C:
2.7
4
6.7
10
13.3
16.7
23.3
33.3
Surge Voltage (VS)
≤ 85°C:
5.3
8
13.3
20
26.7
33.3
46.7
66.7
Surge Voltage (VS)
≤125°C:
3.5
5.3
8.7
13.3
17.8
22.2
31.1
44.5
Temperature Range:
-55°C to +125°C
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR09 - MIL-PRF-55365/4 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com