Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 12 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 12 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
22
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC +(85/125)ºC -55ºC
CWR29 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case μF @ 25ºC
V @ +85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR29F^335*@A+
TAZA335*010L#@0^++
TAZA335*010LLC9^++
A
3.3
10
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29F^335*@C+
TAZC335*010L#@0^++
TAZC335*010LLC9^++
C
3.3
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^475*@B+
TAZB475*010L#@0^++
TAZB475*010LLC9^++
B
4.7
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^475*@C+
TAZC475*010L#@0^++
TAZC475*010LLC9^++
C
4.7
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^475*@D+
TAZD475*010L#@0^++
TAZD475*010LLC9^++
D
4.7
10
1.5
1
10
12
6
8
8
0.080
0.23
0.21
0.09
0.35
0.31
0.14
CWR29F^685*@B+
TAZB685*010L#@0^++
TAZB685*010LLC9^++
B
6.8
10
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^685*@C+
TAZC685*010L#@0^++
TAZC685*010LLC9^++
C
6.8
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^685*@D+
TAZD685*010L#@0^++
TAZD685*010LLC9^++
D
6.8
10
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29F^685*@E+
TAZE685*010L#@0^++
TAZE685*010LLC9^++
E
6.8
10
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29F^106*@B+
TAZB106*010L#@0^++
TAZB106*010LLC9^++
B
10
10
3.2
1
10
12
8
10
10
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29F^106*@C+
TAZC106*010L#@0^++
TAZC106*010LLC9^++
C
10
10
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29F^106*@D+
TAZD106*010L#@0^++
TAZD106*010LLC9^++
D
10
10
1.3
1
10
12
6
8
8
0.080
0.25
0.22
0.10
0.32
0.29
0.13
CWR29F^106*@E+
TAZE106*010L#@0^++
TAZE106*010LLC9^++
E
10
10
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29F^156*@D+
TAZD156*010L#@0^++
TAZD156*010LLC9^++
D
15
10
1.7
2
20
24
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29F^156*@E+
TAZE156*010L#@0^++
TAZE156*010LLC9^++
E
15
10
0.9
2
20
24
8
10
10
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29F^156*@F+
TAZF156*010L#@0^++
TAZF156*010LLC9^++
F
15
10
0.7
2
20
24
8
8
10
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29F^226*@E+
TAZE226*010L#@0^++
TAZE226*010LLC9^++
E
22
10
0.6
3
30
36
8
10
10
0.090
0.39
0.35
0.15
0.23
0.21
0.09
CWR29F^336*@F+
TAZF336*010L#@0^++
TAZF336*010LLC9^++
F
33
10
0.4
3
30
36
8
10
10
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29F^336*@G+
TAZG336*010L#@0^++
TAZG336*010LLC9^++
G
33
10
0.275
3
30
36
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^476*@F+
TAZF476*010L#@0^++
TAZF476*010LLC9^++
F
47
10
0.4
4
40
48
10
12
12
0.100
0.50
0.45
0.20
0.20
0.18
0.08
CWR29F^476*@G+
TAZG476*010L#@0^++
TAZG476*010LLC9^++
G
47
10
0.25
4
40
48
10
12
12
0.125
0.71
0.64
0.28
0.18
0.16
0.07
CWR29F^476*@H+
TAZH476*010L#@0^++
TAZH476*010LLC9^++
H
47
10
0.18
5
50
60
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^686*@G+
TAZG686*010L#@0^++
TAZG686*010LLC9^++
G
68
10
0.275
6
60
72
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^107*@G+
TAZG107*010L#@0^++
TAZG107*010LLC9^++
G
100
10
0.275
10
100
120
10
12
12
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29F^107*@H+
TAZH107*010L#@0^++
TAZH107*010LLC9^++
H
100
10
0.18
10
100
120
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^157*@H+
TAZH157*010L#@0^++
TAZH157*010LLC9^++
H
150
10
0.18
15
150
180
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29F^157*@X+
TAZX157*010L#@0^++
TAZX157*010LLC9^++
X
150
10
0.065
15
150
180
10
12
12
0.200
1.75
1.58
0.70
0.11
0.10
0.05
CWR29F^227*@H+
TAZH227*010L#@0^++
TAZH227*010LLC9^++
H
220
10
0.18
20
200
240
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^684*@A+
TAZA684*015L#@0^++
TAZA684*015LLC9^++
A
0.68
15
6
1
10
12
6
8
8
0.050
0.09
0.08
0.04
0.55
0.49
0.22
CWR29H^105*@A+
TAZA105*015L#@0^++
TAZA105*015LLC9^++
A
1
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^155*@A+
TAZA155*015L#@0^++
TAZA155*015LLC9^++
A
1.5
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^155*@B+
TAZB155*015L#@0^++
TAZB155*015LLC9^++
B
1.5
15
3.2
1
10
12
6
8
8
0.070
0.15
0.13
0.06
0.47
0.43
0.19
CWR29H^225*@A+ TAZ A 225 * 015 L  # @ 0 ^ ++ TAZ A 225 * 015 L  L C 9 ^ ++
A
2.2
15
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29H^225*@C+ TAZ C 225 * 015 L  # @ 0 ^ ++ TAZ C 225 * 015 L  L C 9 ^ ++
C
2.2
15
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29H^335*@B+ TAZ B 335 * 015 L  # @ 0 ^ ++ TAZ B 335 * 015 L  L C 9 ^ ++
B
3.3
15
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29H^335*@D+ TAZ D 335 * 015 L  # @ 0 ^ ++ TAZ D 335 * 015 L  L C 9 ^ ++
D
3.3
15
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29H^475*@B+ TAZ B 475 * 015 L  # @ 0 ^ ++ TAZ B 475 * 015 L  L C 9 ^ ++
B
4.7
15
2
1
10
12
6
8
8
0.070
0.19
0.17
0.07
0.37
0.34
0.15
CWR29H^475*@C+ TAZ C 475 * 015 L  # @ 0 ^ ++ TAZ C 475 * 015 L  L C 9 ^ ++
C
4.7
15
2.2
1
10
12
6
8
8
0.075
0.18
0.17
0.07
0.41
0.37
0.16
CWR29H^475*@D+ TAZ D 475 * 015 L  # @ 0 ^ ++ TAZ D 475 * 015 L  L C 9 ^ ++
D
4.7
15
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^475*@E+ TAZ E 475 * 015 L  # @ 0 ^ ++ TAZ E 475 * 015 L  L C 9 ^ ++
E
4.7
15
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^685*@D+ TAZ D 685 * 015 L  # @ 0 ^ ++ TAZ D 685 * 015 L  L C 9 ^ ++
D
6.8
15
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^685*@E+ TAZ E 685 * 015 L  # @ 0 ^ ++ TAZ E 685 * 015 L  L C 9 ^ ++
E
6.8
15
0.9
1
10
12
8
10
12
0.090
0.32
0.28
0.13
0.28
0.26
0.11
CWR29H^106*@D+ TAZ D 106 * 015 L  # @ 0 ^ ++ TAZ D 106 * 015 L  L C 9 ^ ++
D
10
15
2
2
20
24
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29H^106*@E+ TAZ E 106 * 015 L  # @ 0 ^ ++ TAZ E 106 * 015 L  L C 9 ^ ++
E
10
15
1.2
2
20
24
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^106*@F+ TAZ F 106 * 015 L  # @ 0 ^ ++ TAZ F 106 * 015 L  L C 9 ^ ++
F
10
15
0.667
2
20
24
6
8
8
0.100
0.39
0.35
0.15
0.26
0.23
0.10
CWR29H^156*@E+ TAZ E 156 * 015 L  # @ 0 ^ ++ TAZ E 156 * 015 L  L C 9 ^ ++
E
15
15
1.2
2
20
24
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29H^156*@F+ TAZ F 156 * 015 L  # @ 0 ^ ++ TAZ F 156 * 015 L  L C 9 ^ ++
F
15
15
0.8
2
20
24
8
10
10
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^226*@F+ TAZ F 226 * 015 L  # @ 0 ^ ++ TAZ F 226 * 015 L  L C 9 ^ ++
F
22
15
0.8
3
30
36
8
10
10
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^226*@G+ TAZ G 226 * 015 L  # @ 0 ^ ++ TAZ G 226 * 015 L  L C 9 ^ ++
G
22
15
0.275
4
40
48
6
8
8
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^336*@F+ TAZ F 336 * 015 L  # @ 0 ^ ++ TAZ F 336 * 015 L  L C 9 ^ ++
F
33
15
0.8
5
50
60
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29H^336*@G+ TAZ G 336 * 015 L  # @ 0 ^ ++ TAZ G 336 * 015 L  L C 9 ^ ++
G
33
15
0.275
6
60
72
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR29 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com