Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 14 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 14 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
24
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR29 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC +(85/125)ºC -55ºC
CWR29 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case μF @ 25ºC
V @ +85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR29M^105*@D+ TAZD105*035L#@0^++
TAZD105*035LLC9^++
D
1
35
2.2
1
10
12
6
8
8
0.080
0.19
0.17
0.08
0.42
0.38
0.17
CWR29M^155*@E+ TAZE155*035L#@0^++
TAZE155*035LLC9^++
E
1.5
35
1.3
1
10
12
6
8
8
0.090
0.26
0.24
0.11
0.34
0.31
0.14
CWR29M^335*@F+ TAZF335*035L#@0^++
TAZF335*035LLC9^++
F
3.3
35
0.7
1
10
12
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29M^475*@G+ TAZG475*035L#@0^++
TAZG475*035LLC9^++
G
4.7
35
0.375
2
20
24
6
8
8
0.125
0.58
0.52
0.23
0.22
0.19
0.09
CWR29M^685*@G+ TAZG685*035L#@0^++
TAZG685*035LLC9^++
G
6.8
35
0.375
3
30
36
6
8
8
0.125
0.58
0.52
0.23
0.22
0.19
0.09
CWR29M^685*@H+ TAZH685*035L#@0^++
TAZH685*035LLC9^++
H
6.8
35
0.5
3
30
36
6
8
8
0.150
0.55
0.49
0.22
0.27
0.25
0.11
CWR29M^106*@H+ TAZH106*035L#@0^++
TAZH106*035LLC9^++
H
10
35
0.5
4
40
48
8
10
10
0.150
0.55
0.49
0.22
0.27
0.25
0.11
CWR29M^156*@X+ TAZX156*035L#@0^++
TAZX156*035LLC9^++
X
15
35
0.19
6
60
72
6
8
8
0.200
1.03
0.92
0.41
0.19
0.18
0.08
CWR29N^104*@A+ TAZA104*050L#@0^++
TAZA104*050LLC9^++
A
0.1
50
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29N^154*@A+ TAZA154*050L#@0^++
TAZA154*050LLC9^++
A
0.15
50
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29N^224*@B+ TAZB224*050L#@0^++
TAZB224*050LLC9^++
B
0.22
50
6.8
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.69
0.62
0.28
CWR29N^334*@B+ TAZB334*050L#@0^++
TAZB334*050LLC9^++
B
0.33
50
4.8
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.58
0.52
0.23
CWR29N^474*@C+ TAZC474*050L#@0^++
TAZC474*050LLC9^++
C
0.47
50
3.2
1
10
12
6
8
8
0.075
0.15
0.14
0.06
0.49
0.44
0.20
CWR29N^684*@D+ TAZD684*050L#@0^++
TAZD684*050LLC9^++
D
0.68
50
2.3
1
10
12
6
8
8
0.080
0.19
0.17
0.07
0.43
0.39
0.17
CWR29N^105*@E+ TAZE105*050L#@0^++
TAZE105*050LLC9^++
E
1
50
1.7
1
10
12
6
8
8
0.090
0.23
0.21
0.09
0.39
0.35
0.16
CWR29N^155*@F+ TAZF155*050L#@0^++
TAZF155*050LLC9^++
F
1.5
50
1.1
1
10
12
6
8
8
0.100
0.30
0.27
0.12
0.33
0.30
0.13
CWR29N^225*@F+ TAZF225*050L#@0^++
TAZF225*050LLC9^++
F
2.2
50
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29N^335*@G+ TAZ G 335 * 050 L  # @ 0 ^ ++ TAZ G 335 * 050 L  L C 9 ^ ++
G
3.3
50
0.5
2
20
24
6
8
8
0.125
0.50
0.45
0.20
0.25
0.23
0.10
CWR29N^475*@H+ TAZ H 475 * 050 L  # @ 0 ^ ++ TAZ H 475 * 050 L  L C 9 ^ ++
H
4.7
50
0.5
3
30
36
6
8
8
0.150
0.55
0.49
0.22
0.27
0.25
0.11
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com