Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  TAZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
15
An extended range of capacitor ratings beyond
CWR09thatisfullyqualifiedtoMIL-PRF-55365/11,
this series represents the most flexible of surface
mount form factors, offering nine case sizes (the
original A through H of CWR09) and adds the new
X case size.
The molded body / compliant termination
construction ensures no TCE mismatch with any
substrate. This construction is compatible with
a wide range of SMT board assembly processes
includingconvectionreflowsolder,conductiveepoxy
or compression bonding techniques. The parts also
carry full polarity and capacitance / voltage marking.
The four smaller cases are characterized by their low
profile construction, with the A case being the world’s
smallest molded military tantalum chip.
The series is qualified to MIL-PRF-55365 Weibull
“B”, “C”, “D” and “T” levels, with all surge options
(“A”, “B” & “C”) available.
For Space Level applications, SRC 9000
qualification is recommended (see ratings table
for part number availability).
There are four termination finishes available:
solder plated, fused solder plated, hot solder
dipped and gold plated (these are “H”, “K”, “C” and
“B” termination, respectively, per MIL-PRF-55365).
In addition, the molding compound has been
selected to meet the requirements of UL94V-0
(Flame Retardancy) and outgassing requirements
of ASTM E-595.
For moisture sensitivity levels please refer to the High
Reliability Tantalum MSL section located in the back
of the High ReliabilityTantalum Catalog.
MARKING
(White marking on black body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
CASE DIMENSIONS:
millimeters (inches)
Case
Code
Length (L)
±0.38
(0.015)
Width (W)
±0.38
(0.015)
Height (H)
±0.38
(0.015)
Term. Width
(W
1)
Term. Length (A)
+0.25/-0.13
(+0.010/-0.005)
S min
Typical
Weight (g)
A
2.54 (0.100) 1.27 (0.050) 1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
0.38 (0.015)
0.016
B
3.81 (0.150) 1.27 (0.050) 1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
1.65 (0.065)
0.025
C
5.08 (0.200) 1.27 (0.050) 1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
2.92 (0.115)
0.035
D
3.81 (0.150) 2.54 (0.100) 1.27 (0.050)
2.41+0.13/-0.25
(0.095+0.005/-0.010)
0.76 (0.030)
1.65 (0.065)
0.045
E
5.08 (0.200) 2.54 (0.100) 1.27 (0.050)
2.41+0.13/-0.25
(0.095+0.005/-0.010)
0.76 (0.030)
2.92 (0.115)
0.065
F
5.59 (0.220) 3.43 (0.135) 1.78 (0.070)
3.30±0.13
(0.130±0.005)
0.76 (0.030)
3.43 (0.135)
0.125
G
6.73 (0.265) 2.79 (0.110) 2.79 (0.110)
2.67±0.13
(0.105±0.005)
1.27 (0.050)
3.56 (0.140)
0.205
H
7.24 (0.285) 3.81 (0.150) 2.79 (0.110)
3.68+0.13/-0.51
(0.145+0.005/-0.020)
1.27 (0.050)
4.06 (0.160)
0.335
X
6.93 (0.273) 5.41 (0.213) 2.74 (0.108)
3.05±0.13
(0.120±0.005)
1.19 (0.047)
3.67 (0.144)
0.420
CWR19-MIL-PRF 55365/11
CAPACITANCE AND RATED VOLTAGE, V
R (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (VR) at 85ºC
µF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
0.33
334
A
0.47
474
A
0.68
684
A
1.0
105
A
A
B
1.5
155
A
B
2.2
225
A
A
B
D
3.3
335
A
A
A
B
D
E
4.7
475
A
A
B/C
B/C/D
E
6.8
685
A
B
B/C/D
D/E
E
F
G
10
106
B
B
B/C/D/E
D/E
E/F
H
15
156
B
B/D/E
D/E
E/F
F
G
X
22
226
B/D
D/E
E
F
G
G/H
33
336
D/E
E
F
F/G
H
H/X
47
476
E
F
F/G
G/H
H/X
68
686
E
F/G
G
G/H
100
107
F
G
G/H
H
150
157
G
G
H/X
220
227
H
H
H
330
337
H
H
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR19 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com