Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 8 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 8 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
18
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical RMS Ripple Data by Rating
Cap@
120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)ºC
-55ºC
CWR09 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case
μF@
25ºC
V @
+85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR19F^157*@H
+
TAZ H 157 * 010 C  # @ 0 ^ ++
TAZ H 157 * 010 C  L C 9 ^ ++
H
150
10
0.9
15
150
180
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^227*@H
+
TAZ H 227 * 010 C  # @ 0 ^ ++
TAZ H 227 * 010 C  L C 9 ^ ++
H
220
10
0.9
20
200
240
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19F^157*@X
+
TAZ X 157 * 010 C  # @ 0 ^ ++
TAZ X 157 * 010 C  L C 9 ^ ++
X
150
10
0.9
15
150
180
10
12
12
0.200
0.47
0.42
0.19
0.42
0.38
0.17
CWR19H^105*@A
+
TAZ A 105 * 015 C  # @ 0 ^ ++
TAZ A 105 * 015 C  L C 9 ^ ++
A
1
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^155*@A
+
TAZ A 155 * 015 C  # @ 0 ^ ++
TAZ A 155 * 015 C  L C 9 ^ ++
A
1.5
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^225*@A
+
TAZ A 225 * 015 C  # @ 0 ^ ++
TAZ A 225 * 015 C  L C 9 ^ ++
A
2.2
15
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19H^335*@B
+
TAZ B 335 * 015 C  # @ 0 ^ ++
TAZ B 335 * 015 C  L C 9 ^ ++
B
3.3
15
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19H^475*@B
+
TAZ B 475 * 015 C  # @ 0 ^ ++
TAZ B 475 * 015 C  L C 9 ^ ++
B
4.7
15
5
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.59
0.53
0.24
CWR19H^475*@C
+
TAZ C 475 * 015 C  # @ 0 ^ ++
TAZ C 475 * 015 C  L C 9 ^ ++
C
4.7
15
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR19H^475*@D
+
TAZ D 475 * 015 C  # @ 0 ^ ++
TAZ D 475 * 015 C  L C 9 ^ ++
D
4.7
15
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^685*@D
+
TAZ D 685 * 015 C  # @ 0 ^ ++
TAZ D 685 * 015 C  L C 9 ^ ++
D
6.8
15
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^106*@D
+
TAZ D 106 * 015 C  # @ 0 ^ ++
TAZ D 106 * 015 C  L C 9 ^ ++
D
10
15
6
2
20
24
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19H^685*@E
+
TAZ E 685 * 015 C  # @ 0 ^ ++
TAZ E 685 * 015 C  L C 9 ^ ++
E
6.8
15
3
1
10
12
8
10
12
0.090
0.17
0.16
0.07
0.52
0.47
0.21
CWR19H^106*@E
+
TAZ E 106 * 015 C  # @ 0 ^ ++
TAZ E 106 * 015 C  L C 9 ^ ++
E
10
15
4
2
20
24
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19H^156*@E
+
TAZ E 156 * 015 C  # @ 0 ^ ++
TAZ E 156 * 015 C  L C 9 ^ ++
E
15
15
4
2
20
24
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19H^156*@F
+
TAZ F 156 * 015 C  # @ 0 ^ ++
TAZ F 156 * 015 C  L C 9 ^ ++
F
15
15
3
2
20
24
8
10
10
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^226*@F
+
TAZ F 226 * 015 C  # @ 0 ^ ++
TAZ F 226 * 015 C  L C 9 ^ ++
F
22
15
3
3
30
36
8
10
10
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^336*@F
+
TAZ F 336 * 015 C  # @ 0 ^ ++
TAZ F 336 * 015 C  L C 9 ^ ++
F
33
15
3
5
50
60
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19H^336*@G
+
TAZ G 336 * 015 C  # @ 0 ^ ++
TAZ G 336 * 015 C  L C 9 ^ ++
G
33
15
1.1
6
60
72
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^476*@G
+
TAZ G 476 * 015 C  # @ 0 ^ ++
TAZ G 476 * 015 C  L C 9 ^ ++
G
47
15
1.1
10
100
120
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^686*@G
+
TAZ G 686 * 015 C  # @ 0 ^ ++
TAZ G 686 * 015 C  L C 9 ^ ++
G
68
15
1.1
10
100
120
8
10
10
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR19H^476*@H
+
TAZ H 476 * 015 C  # @ 0 ^ ++
TAZ H 476 * 015 C  L C 9 ^ ++
H
47
15
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19H^686*@H
+
TAZ H 686 * 015 C  # @ 0 ^ ++
TAZ H 686 * 015 C  L C 9 ^ ++
H
68
15
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19H^107*@H
+
TAZ H 107 * 015 C  # @ 0 ^ ++
TAZ H 107 * 015 C  L C 9 ^ ++
H
100
15
0.9
15
150
180
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^684*@A
+
TAZ A 684 * 020 C  # @ 0 ^ ++
TAZ A 684 * 020 C  L C 9 ^ ++
A
0.68
20
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19J^105*@A
+
TAZ A 105 * 020 C  # @ 0 ^ ++
TAZ A 105 * 020 C  L C 9 ^ ++
A
1
20
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19J^155*@B
+
TAZ B 155 * 020 C  # @ 0 ^++
TAZ B 155 * 020 C  L C 9 ^++
B
1.5
20
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19J^225*@B
+
TAZ B 225 * 020 C  # @ 0 ^ ++
TAZ B 225 * 020 C  L C 9 ^ ++
B
2.2
20
9
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.79
0.71
0.32
CWR19J^335*@D
+
TAZ D 335 * 020 C  # @ 0 ^ ++
TAZ D 335 * 020 C  L C 9 ^ ++
D
3.3
20
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19J^475*@E
+
TAZ E 475 * 020 C  # @ 0 ^ ++
TAZ E 475 * 020 C  L C 9 ^ ++
E
4.7
20
6
1
10
12
6
8
8
0.090
0.12
0.11
0.05
0.73
0.66
0.29
CWR19J^685*@E
+
TAZ E 685 * 020 C  # @ 0 ^ ++
TAZ E 685 * 020 C  L C 9 ^ ++
E
6.8
20
5
2
20
24
6
8
8
0.090
0.13
0.12
0.05
0.67
0.60
0.27
CWR19J^106*@E
+
TAZ E 106 * 020 C  # @ 0 ^ ++
TAZ E 106 * 020 C  L C 9 ^ ++
E
10
20
5
2
20
24
6
8
8
0.090
0.13
0.12
0.05
0.67
0.60
0.27
CWR19J^106*@F
+
TAZ F 106 * 020 C  # @ 0 ^ ++
TAZ F 106 * 020 C  L C 9 ^ ++
F
10
20
3
2
20
24
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19J^156*@F
+
TAZ F 156 * 020 C  # @ 0 ^ ++
TAZ F 156 * 020 C  L C 9 ^ ++
F
15
20
3
3
30
36
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19J^226*@G
+
TAZ G 226 * 020 C  # @ 0 ^ ++
TAZ G 226 * 020 C  L C 9 ^ ++
G
22
20
2.5
4
40
48
6
8
8
0.125
0.22
0.20
0.09
0.56
0.50
0.22
CWR19J^336*@H
+
TAZ H 336 * 020 C  # @ 0 ^ ++
TAZ H 336 * 020 C  L C 9 ^ ++
H
33
20
0.9
6
60
72
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^476*@H
+
TAZ H 476 * 020 C  # @ 0 ^ ++
TAZ H 476 * 020 C  L C 9 ^ ++
H
47
20
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19J^476*@X
+
TAZ X 476 * 020 C  # @ 0 ^ ++
TAZ X 476 * 020 C  L C 9 ^ ++
X
47
20
0.9
10
100
120
8
10
10
0.200
0.47
0.42
0.19
0.42
0.38
0.17
CWR19K^474*@A
+
TAZ A 474 * 025 C  # @ 0 ^ ++
TAZ A 474 * 025 C  L C 9 ^ ++
A
0.47
25
15
1
10
12
6
8
8
0.050
0.06
0.05
0.02
0.87
0.78
0.35
CWR19K^105*@B
+
TAZ B 105 * 025 C  # @ 0 ^ ++
TAZ B 105 * 025 C  L C 9 ^ ++
B
1
25
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR19K^225*@D
+
TAZ D 225 * 025 C  # @ 0 ^ ++
TAZ D 225 * 025 C  L C 9 ^ ++
D
2.2
25
6
1
10
12
6
8
8
0.080
0.12
0.10
0.05
0.69
0.62
0.28
CWR19K^335*@E
+
TAZ E 335 * 025 C  # @ 0 ^ ++
TAZ E 335 * 025 C  L C 9 ^ ++
E
3.3
25
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR19K^685*@F
+
TAZ F 685 * 025 C  # @ 0 ^ ++
TAZ F 685 * 025 C  L C 9 ^ ++
F
6.8
25
3
2
20
24
6
8
8
0.100
0.18
0.16
0.07
0.55
0.49
0.22
CWR19K^156*@G
+
TAZ G 156 * 025 C  # @ 0 ^ ++
TAZ G 156 * 025 C  L C 9 ^ ++
G
15
25
1.4
4
40
48
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR19K^226*@G
+
TAZ G 226 * 025 C  # @ 0 ^ ++
TAZ G 226 * 025 C  L C 9 ^ ++
G
22
25
1.4
6
60
72
6
8
8
0.125
0.30
0.27
0.12
0.42
0.38
0.17
CWR19K^226*@H
+
TAZ H 226 * 025 C  # @ 0 ^ ++
TAZ H 226 * 025 C  L C 9 ^ ++
H
22
25
0.9
6
60
72
6
8
8
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19K^336*@H
+
TAZ H 336 * 025 C  # @ 0 ^ ++
TAZ H 336 * 025 C  L C 9 ^ ++
H
33
25
0.9
10
100
120
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19K^336*@X
+
TAZ X 336 * 025 C  # @ 0 ^ ++
TAZ X 336 * 025 C  L C 9 ^ ++
X
33
25
0.9
10
100
120
8
10
10
0.200
0.47
0.42
0.19
0.42
0.38
0.17
CWR19M^334*@A
+ TAZ A 334 * 035 C  # @ 0 ^ ++
TAZ A 334 * 035 C  L C 9 ^ ++
A
0.33
35
22
1
10
12
6
8
8
0.050
0.05
0.04
0.02
1.05
0.94
0.42
CWR19M^685*@G
+ TAZ G 685 * 035 C  # @ 0 ^ ++
TAZ G 685 * 035 C  L C 9 ^ ++
G
6.8
35
1.5
3
30
36
6
8
8
0.125
0.29
0.26
0.12
0.43
0.39
0.17
CWR19M^106*@H
+ TAZ H 106 * 035 C  # @ 0 ^ ++
TAZ H 106 * 035 C  L C 9 ^ ++
H
10
35
0.9
4
40
48
8
10
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR19M^156*@X
+ TAZ X 156 * 035 C  # @ 0 ^ ++
TAZ X 156 * 035 C  L C 9 ^ ++
X
15
35
0.9
6
60
72
6
8
8
0.200
0.47
0.42
0.19
0.42
0.38
0.17
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR19 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com