Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 3 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 3 Page - Kyocera Kinseki Corpotation

  TAZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
13
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/4
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@
100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC
+(85/125)
ºC
-55ºC
CWR09 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case
μF
@ 25ºC
V
@ +85ºC
Ohms
@ +25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
TAZ R 334 * 004 C  #
@ 0 ^ ++
R
0.33
4
45
1
10
12
6
8
8
0.030
0.03
0.02
0.01
1.16
1.05
0.46
TAZ R 225 * 004 C  #
@ 0 ^ ++
R
2.2
4
12
1
10
12
6
8
8
0.030
0.05
0.05
0.02
0.60
0.54
0.24
CWR09C^225*
@+
TAZ A 225 * 004 C  #
@ 0 ^ ++
TAZ A 225 * 004 C  L
C 9 ^ ++
A
2.2
4
8
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.63
0.57
0.25
CWR09C^475*
@+
TAZ B 475 * 004 C  #
@ 0 ^ ++
TAZ B 475 * 004 C  L
C 9 ^ ++
B
4.7
4
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09C^685*
@+
TAZ C 685 * 004 C  #
@ 0 ^ ++
TAZ C 685 * 004 C  L
C 9 ^ ++
C
6.8
4
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09C^106*
@+
TAZ D 106 * 004 C  #
@ 0 ^ ++
TAZ D 106 * 004 C  L
C 9 ^ ++
D
10
4
4
1
10
12
8
8
10
0.080
0.14
0.13
0.06
0.57
0.51
0.23
CWR09C^156*
@+
TAZ E 156 * 004 C  #
@ 0 ^ ++
TAZ E 156 * 004 C  L
C 9 ^ ++
E
15
4
3.5
1
10
12
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09C^336*
@+
TAZ F 336 * 004 C  #
@ 0 ^ ++
TAZ F 336 * 004 C  L
C 9 ^ ++
F
33
4
2.2
2
20
24
8
10
12
0.100
0.21
0.19
0.09
0.47
0.42
0.19
CWR09C^686*
@+
TAZ G 686 * 004 C  #
@ 0 ^ ++
TAZ G 686 * 004 C  L
C 9 ^ ++
G
68
4
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09C^107*
@+
TAZ H 107 * 004 C  #
@ 0 ^ ++
TAZ H 107 * 004 C  L
C 9 ^ ++
H
100
4
0.9
4
40
48
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09D^155*
@+
TAZ A 155 * 006 C  #
@ 0 ^ ++
TAZ A 155 * 006 C  L
C 9 ^ ++
A
1.5
6
8
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.63
0.57
0.25
CWR09D^335*
@+
TAZ B 335 * 006 C  #
@ 0 ^ ++
TAZ B 335 * 006 C  L
C 9 ^ ++
B
3.3
6
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09D^475*
@+
TAZ C 475 * 006 C  #
@ 0 ^ ++
TAZ C 475 * 006 C  L
C 9 ^ ++
C
4.7
6
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09D^685*
@+
TAZ D 685 * 006 C  #
@ 0 ^ ++
TAZ D 685 * 006 C  L
C 9 ^ ++
D
6.8
6
4.5
1
10
12
6
8
8
0.080
0.13
0.12
0.05
0.60
0.54
0.24
CWR09D^106*
@+
TAZ E 106 * 006 C  #
@ 0 ^ ++
TAZ E 106 * 006 C  L
C 9 ^ ++
E
10
6
3.5
1
10
12
8
10
12
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09D^226*
@+
TAZ F 226 * 006 C  #
@ 0 ^ ++
TAZ F 226 * 006 C  L
C 9 ^ ++
F
22
6
2.2
2
20
24
8
10
12
0.100
0.21
0.19
0.09
0.47
0.42
0.19
CWR09D^476*
@+
TAZ G 476 * 006 C  #
@ 0 ^ ++
TAZ G 476 * 006 C  L
C 9 ^ ++
G
47
6
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09D^686*
@+
TAZ H 686 * 006 C  #
@ 0 ^ ++
TAZ H 686 * 006 C  L
C 9 ^ ++
H
68
6
0.9
4
40
48
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
TAZ R 334 * 010 C  #
@ 0 ^ ++
R
0.33
10
50
1
10
12
6
8
8
0.030
0.02
0.02
0.01
1.22
1.10
0.49
TAZ R 474 * 010 C  #
@ 0 ^ ++
R
0.47
10
50
1
10
12
6
8
8
0.030
0.02
0.02
0.01
1.22
1.10
0.49
TAZ R 105 * 010 C  #
@ 0 ^ ++
R
1
10
10
1
10
12
6
8
8
0.030
0.05
0.05
0.02
0.55
0.49
0.22
CWR09F^105*
@+
TAZ A 105 * 010 C  #
@ 0 ^ ++
TAZ A 105 * 010 C  L
C 9 ^ ++
A
1
10
10
1
10
12
6
8
8
0.050
0.07
0.06
0.03
0.71
0.64
0.28
CWR09F^225*
@+
TAZ B 225 * 010 C  #
@ 0 ^ ++
TAZ B 225 * 010 C  L
C 9 ^ ++
B
2.2
10
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09F^335*
@+
TAZ C 335 * 010 C  #
@ 0 ^ ++
TAZ C 335 * 010 C  L
C 9 ^ ++
C
3.3
10
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09F^475*
@+
TAZ D 475 * 010 C  #
@ 0 ^ ++
TAZ D 475 * 010 C  L
C 9 ^ ++
D
4.7
10
4.5
1
10
12
6
8
8
0.080
0.13
0.12
0.05
0.60
0.54
0.24
CWR09F^685*
@+
TAZ E 685 * 010 C  #
@ 0 ^ ++
TAZ E 685 * 010 C  L
C 9 ^ ++
E
6.8
10
3.5
1
10
12
6
8
8
0.090
0.16
0.14
0.06
0.56
0.51
0.22
CWR09F^156*
@+
TAZ F 156 * 010 C  #
@ 0 ^ ++
TAZ F 156 * 010 C  L
C 9 ^ ++
F
15
10
2.5
2
20
24
8
8
10
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09F^336*
@+
TAZ G 336 * 010 C  #
@ 0 ^ ++
TAZ G 336 * 010 C  L
C 9 ^ ++
G
33
10
1.1
3
30
36
10
12
12
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09F^476*
@+
TAZ H 476 * 010 C  #
@ 0 ^ ++
TAZ H 476 * 010 C  L
C 9 ^ ++
H
47
10
0.9
5
50
60
10
12
12
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09H^684*
@+
TAZ A 684 * 015 C  #
@ 0 ^ ++
TAZ A 684 * 015 C  L
C 9 ^ ++
A
0.68
15
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR09H^155*
@+
TAZ B 155 * 015 C  #
@ 0 ^ ++
TAZ B 155 * 015 C  L
C 9 ^ ++
B
1.5
15
8
1
10
12
6
8
8
0.070
0.09
0.08
0.04
0.75
0.67
0.30
CWR09H^225*
@+
TAZ C 225 * 015 C  #
@ 0 ^ ++
TAZ C 225 * 015 C  L
C 9 ^ ++
C
2.2
15
5.5
1
10
12
6
8
8
0.075
0.12
0.11
0.05
0.64
0.58
0.26
CWR09H^335*
@+
TAZ D 335 * 015 C  #
@ 0 ^ ++
TAZ D 335 * 015 C  L
C 9 ^ ++
D
3.3
15
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR09H^475*
@+
TAZ E 475 * 015 C  #
@ 0 ^ ++
TAZ E 475 * 015 C  L
C 9 ^ ++
E
4.7
15
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR09H^106*
@+
TAZ F 106 * 015 C  #
@ 0 ^ ++
TAZ F 106 * 015 C  L
C 9 ^ ++
F
10
15
2.5
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.50
0.45
0.20
CWR09H^226*
@+
TAZ G 226 * 015 C  #
@ 0 ^ ++
TAZ G 226 * 015 C  L
C 9 ^ ++
G
22
15
1.1
4
40
48
6
8
8
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09H^336*
@+
TAZ H 336 * 015 C  #
@ 0 ^ ++
TAZ H 336 * 015 C  L
C 9 ^ ++
H
33
15
0.9
5
50
60
8
8
10
0.150
0.41
0.37
0.16
0.37
0.33
0.15
CWR09J^474*
@+
TAZ A 474 * 020 C  #
@ 0 ^ ++
TAZ A 474 * 020 C  L
C 9 ^ ++
A
0.47
20
14
1
10
12
8
8
10
0.050
0.06
0.05
0.02
0.84
0.75
0.33
CWR09J^684*
@+
TAZ B 684 * 020 C  #
@ 0 ^ ++
TAZ B 684 * 020 C  L
C 9 ^ ++
B
0.68
20
10
1
10
12
6
8
8
0.070
0.08
0.08
0.03
0.84
0.75
0.33
CWR09J^105*
@+
TAZ B 105 * 020 C  #
@ 0 ^ ++
TAZ B 105 * 020 C  L
C 9 ^ ++
B
1
20
12
1
10
12
6
8
8
0.070
0.08
0.07
0.03
0.92
0.82
0.37
CWR09J^155*
@+
TAZ C 155 * 020 C  #
@ 0 ^ ++
TAZ C 155 * 020 C  L
C 9 ^ ++
C
1.5
20
6
1
10
12
6
8
8
0.075
0.11
0.10
0.04
0.67
0.60
0.27
CWR09J^225*
@+
TAZ D 225 * 020 C  #
@ 0 ^ ++
TAZ D 225 * 020 C  L
C 9 ^ ++
D
2.2
20
5
1
10
12
6
8
8
0.080
0.13
0.11
0.05
0.63
0.57
0.25
CWR09J^335*
@+
TAZ E 335 * 020 C  #
@ 0 ^ ++
TAZ E 335 * 020 C  L
C 9 ^ ++
E
3.3
20
4
1
10
12
6
8
8
0.090
0.15
0.14
0.06
0.60
0.54
0.24
CWR09J^685*
@+
TAZ F 685 * 020 C  #
@ 0 ^ ++
TAZ F 685 * 020 C  L
C 9 ^ ++
F
6.8
20
2.4
2
20
24
6
8
8
0.100
0.20
0.18
0.08
0.49
0.44
0.20
CWR09J^156*
@+
TAZ G 156 * 020 C  #
@ 0 ^ ++
TAZ G 156 * 020 C  L
C 9 ^ ++
G
15
20
1.1
3
30
36
6
8
8
0.125
0.34
0.30
0.13
0.37
0.33
0.15
CWR09J^226*
@+
TAZ H 226 * 020 C  #
@ 0 ^ ++
TAZ H 226 * 020 C  L
C 9 ^ ++
H
22
20
0.9
4
40
48
6
8
8
0.150
0.41
0.37
0.16
0.37
0.33
0.15
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR09 - MIL-PRF-55365/4 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com