Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  TAZ Datasheet HTML 1Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
11
This is the original high reliability molded
tantalum chip series and the case sizes still
represent the most flexible of surface mount
form factors. TAZ offers nine case sizes,
eight of which (A through H) are fully qualified
to MILPRF-55365/4, and also includes the
original sub-miniature R case (non-QPL).
This series is fully interchangeable with CWR06
conformal types, while offering the advantages of
molded body/compliant termination construction
(ensuring no TCE mismatch with any substrate).
This construction is compatible with a wide range
of SMT board assembly processes including
convection reflow solder, conductive epoxy or
compression bonding techniques.
The parts also carry full polarity and capacitance
/ voltage marking. The five smaller cases are
characterized by their low profile construction,
with the A case being the world’s smallest
molded military tantalum chip.
All 4V to 50V ratings are qualified to MIL-
PRF-55365 Weibull “B”, “C”, “D” and “T” levels,
with all surge options (“A”, “B” & “C”) available.
ForSpaceLevelapplications,KYOCERA AVXSRC
9000 qualification is recommended (see ratings
tableforpartnumberavailability).
Therearefourterminationfinishesavailable:solder
plated,fusedsolderplated,hotsolderdippedand
goldplated(theseare“H”,“K”,“C”and“B”termination,
respectively,perMIL-PRF-55365).Inaddition,the
moldingcompoundhasbeenselectedtomeetthe
requirementsofUL94V-0(FlameRetardancy)and
outgassingrequirementsofASTME-595.
For moisture sensitivity levels please refer to the
HighReliabilityTantalumMSLsectionlocatedinthe
back of the High ReliabilityTantalum Catalog.
MARKING
(White marking on black body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
CASE DIMENSIONS:
millimeters (inches)
Case
Code
Length (L)
±0.38
(0.015)
Width (W)
±0.38
(0.015)
Height (H)
±0.38
(0.015)
Term. Width
(W1)
Term. Length (A)
+0.25/-0.13
(+0.010/-0.005)
S min
Typical
Weight
(g)
A
2.54 (0.100)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
0.38
(0.015)
0.016
B
3.81 (0.150)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
1.65
(0.065)
0.025
C
5.08 (0.200)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
(0.050±0.005)
0.76 (0.030)
2.92
(0.115)
0.035
D
3.81 (0.150)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
(0.095+0.005/-0.010)
0.76 (0.030)
1.65
(0.065)
0.045
E
5.08 (0.200)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
(0.095+0.005/-0.010)
0.76 (0.030)
2.92
(0.115)
0.065
F
5.59 (0.220)
3.43 (0.135)
1.78 (0.070)
3.30±0.13
(0.130±0.005)
0.76 (0.030)
3.43
(0.135)
0.125
G
6.73 (0.265)
2.79 (0.110)
2.79 (0.110)
2.67±0.13
(0.105±0.005)
1.27 (0.050)
3.56
(0.140)
0.205
H
7.24 (0.285)
3.81 (0.150)
2.79 (0.110)
3.68+0.13/-0.51
(0.145+0.005/-0.020)
1.27 (0.050)
4.06
(0.160)
0.335
R
2.05 (0.081)
±0.20 (0.008)
1.30 (0.051)
+0.20 (0.008)
- 0.10 (0.004)
1.20 (0.047)
max
1.0±0.10
(0.039±0.004)
0.50 (0.020)
+0.30 (0.012)
- 0.20 (0.008)
0.71
(0.028)
0.010
CWR09 MIL-PRF-55365/4
CAPACITANCE AND RATED VOLTAGE, V
R (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (VR) at 85ºC
µF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
50V (N)
0.10
104
A
0.15
154
A
0.22
224
A
B
0.33
334
R
R
A
B
0.47
474
R
A
B
C
0.68
684
A
B
B
C
D
1.0
105
A/R
B
C
D
E
1.5
155
A
B
C
D
E
F
2.2
225
A/R
B
C
D
E
F
3.3
335
B
C
D
E
F
G
4.7
475
B
C
D
E
F
G
H
6.8
685
C
D
E
F
G
H
10
106
D
E
F
G
15
156
E
F
G
H
22
226
F
G
H
33
336
F
G
H
47
476
G
H
68
686
G
H
100
107
H
TAZ SERIES
CWR09 - MIL-PRF-55365/4 Established Reliability,
COTS-Plus & Space Level
TDS-HIRELTANT-0016 | Rev 2
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - TAZ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZA225004C AVX-TAZA225004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZB475004C AVX-TAZB475004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZD106004C AVX-TAZD106004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZE156004C AVX-TAZE156004C Datasheet
895Kb / 51P
Introduction AVX Tantalum
TAZF336004c AVX-TAZF336004c Datasheet
895Kb / 51P
Introduction AVX Tantalum
More results

Similar Description - TAZ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RLR07C1500GR VISHAY-RLR07C1500GR Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
AVX Corporation
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
ERL VISHAY-ERL Datasheet
151Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
19-Nov-12
logo
AVX Corporation
CWR11HH106KCB AVX-CWR11HH106KCB Datasheet
145Kb / 4P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
21-Sep-12
ERL VISHAY-ERL_15 Datasheet
146Kb / 4P
Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
25-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com