Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAZ Datasheet(PDF) 13 Page - Kyocera Kinseki Corpotation

Part # TAZ
Description  CWR09 - MIL-PRF-55365/4 Established Reliability
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TAZ Datasheet(HTML) 13 Page - Kyocera Kinseki Corpotation

Back Button TAZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation TAZ Datasheet HTML 14Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
23
RATING & PART NUMBER REFERENCE
Parametric Specifications by Rating per MIL-PRF-55365/11
Typical RMS Ripple Data by Rating
Cap
@ 120Hz
DC Rated
Voltage
ESR
@ 100kHz
DCL max
DF Max
Power
Dissipation
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
25ºC
Ripple
85ºC
Ripple
125ºC
Ripple
+25ºC
+85ºC
+125ºC
+25ºC +(85/125)ºC -55ºC
CWR29 P/N
MIL & COTS-Plus P/N
SRC9000 P/N
Case μF @ 25ºC
V @ +85ºC
Ohms @
+25ºC
(μA)
(μA)
(μA)
(%)
(%)
(%)
W
A
(100kHz)
A
(100kHz)
A
(100kHz)
V
(100kHz)
V
(100kHz)
V
(100kHz)
CWR29H^336*@H+ TAZ H 336 * 015 L  # @ 0 ^ ++ TAZ H 336 * 015 L  L C 9 ^ ++
H
33
15
0.18
5
50
60
8
8
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^476*@G+ TAZ G 476 * 015 L  # @ 0 ^ ++ TAZ G 476 * 015 L  L C 9 ^ ++
G
47
15
0.275
10
100
120
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^476*@H+ TAZ H 476 * 015 L  # @ 0 ^ ++ TAZ H 476 * 015 L  L C 9 ^ ++
H
47
15
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^686*@G+ TAZ G 686 * 015 L  # @ 0 ^ ++ TAZ G 686 * 015 L  L C 9 ^ ++
G
68
15
0.275
10
100
120
8
10
10
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29H^686*@H+ TAZ H 686 * 015 L  # @ 0 ^++ TAZ H 686 * 015 L  L C 9 ^ ++
H
68
15
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29H^107*@H+ TAZ H 107 * 015 L  # @ 0 ^ ++ TAZ H 107 * 015 L  L C 9 ^ ++
H
100
15
0.18
15
150
180
10
12
12
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^474*@A+ TAZ A 474 * 020 L  # @ 0 ^ ++ TAZ A 474 * 020 L  L C 9 ^ ++
A
0.47
20
7.5
1
10
12
8
8
10
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29J^684*@A+ TAZ A 684 * 020 L  # @ 0 ^ ++ TAZ A 684 * 020 L  L C 9 ^ ++
A
0.68
20
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29J^684*@B+ TAZ B 684 * 020 L  # @ 0 ^ ++ TAZ B 684 * 020 L  L C 9 ^ ++
B
0.68
20
5.6
1
10
12
6
8
8
0.070
0.11
0.10
0.04
0.63
0.56
0.25
CWR29J^105*@A+ TAZ A 105 * 020 L  # @ 0 ^ ++ TAZ A 105 * 020 L  L C 9 ^ ++
A
1
20
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29J^105*@B+ TAZ B 105 * 020 L  # @ 0 ^ ++ TAZ B 105 * 020 L  L C 9 ^ ++
B
1
20
4.8
1
10
12
6
8
8
0.070
0.12
0.11
0.05
0.58
0.52
0.23
CWR29J^155*@B+ TAZ B 155 * 020 L  # @ 0 ^ ++ TAZ B 155 * 020 L  L C 9 ^ ++
B
1.5
20
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29J^155*@C+ TAZ C 155 * 020 L  # @ 0 ^ ++ TAZ C 155 * 020 L  L C 9 ^ ++
C
1.5
20
2.4
1
10
12
6
8
8
0.075
0.18
0.16
0.07
0.42
0.38
0.17
CWR29J^225*@B+ TAZ B 225 * 020 L  # @ 0 ^ ++ TAZ B 225 * 020 L  L C 9 ^ ++
B
2.2
20
3.6
1
10
12
6
8
8
0.070
0.14
0.13
0.06
0.50
0.45
0.20
CWR29J^225*@D+ TAZ D 225 * 020 L  # @ 0 ^ ++ TAZ D 225 * 020 L  L C 9 ^ ++
D
2.2
20
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29J^335*@D+ TAZ D 335 * 020 L  # @ 0 ^ ++ TAZ D 335 * 020 L  L C 9 ^ ++
D
3.3
20
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29J^335*@E+ TAZ E 335 * 020 L  # @ 0 ^ ++ TAZ E 335 * 020 L  L C 9 ^ ++
E
3.3
20
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29J^475*@E+ TAZ E 475 * 020 L  # @ 0 ^ ++ TAZ E 475 * 020 L  L C 9 ^ ++
E
4.7
20
1.7
1
10
12
6
8
8
0.090
0.23
0.21
0.09
0.39
0.35
0.16
CWR29J^685*@E+ TAZ E 685 * 020 L  # @ 0 ^ ++ TAZ E 685 * 020 L  L C 9 ^ ++
E
6.8
20
1.5
2
20
24
6
8
8
0.090
0.24
0.22
0.10
0.37
0.33
0.15
CWR29J^685*@F+ TAZ F 685 * 020 L  # @ 0 ^ ++ TAZ F 685 * 020 L  L C 9 ^ ++
F
6.8
20
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29J^106*@E+ TAZ E 106 * 020 L  # @ 0 ^ ++ TAZ E 106 * 020 L  L C 9 ^ ++
E
10
20
1.5
2
20
24
6
8
8
0.090
0.24
0.22
0.10
0.37
0.33
0.15
CWR29J^106*@F+ TAZ F 106 * 020 L  # @ 0 ^ ++ TAZ F 106 * 020 L  L C 9 ^ ++
F
10
20
0.8
2
20
24
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29J^156*@F+ TAZ F 156 * 020 L  # @ 0 ^ ++ TAZ F 156 * 020 L  L C 9 ^ ++
F
15
20
0.8
3
30
36
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29J^156*@G+ TAZ G 156 * 020 L  # @ 0 ^ ++ TAZ G 156 * 020 L  L C 9 ^ ++
G
15
20
0.275
3
30
36
6
8
8
0.125
0.67
0.61
0.27
0.19
0.17
0.07
CWR29J^226*@G+ TAZ G 226 * 020 L  # @ 0 ^ ++ TAZ G 226 * 020 L  L C 9 ^ ++
G
22
20
0.625
4
40
48
6
8
8
0.125
0.45
0.40
0.18
0.28
0.25
0.11
CWR29J^226*@H+ TAZ H 226 * 020 L  # @ 0 ^ ++ TAZ H 226 * 020 L  L C 9 ^ ++
H
22
20
0.18
4
40
48
6
8
8
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^336*@H+ TAZ H 336 * 020 L  # @ 0 ^ ++ TAZ H 336 * 020 L  L C 9 ^ ++
H
33
20
0.18
6
60
72
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^476*@H+ TAZ H 476 * 020 L  # @ 0 ^ ++ TAZ H 476 * 020 L  L C 9 ^ ++
H
47
20
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29J^476*@X+ TAZ X 476 * 020 L  # @ 0 ^ ++ TAZ X 476 * 020 L  L C 9 ^ ++
X
47
20
0.11
10
100
120
8
10
10
0.200
1.35
1.21
0.54
0.15
0.13
0.06
CWR29K^334*@A+ TAZ A 334 * 025 L  # @ 0 ^ ++ TAZ A 334 * 025 L  L C 9 ^ ++
A
0.33
25
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29K^474*@A+ TAZ A 474 * 025 L  # @ 0 ^ ++ TAZ A 474 * 025 L  L C 9 ^ ++
A
0.47
25
7.5
1
10
12
6
8
8
0.050
0.08
0.07
0.03
0.61
0.55
0.24
CWR29K^684*@B+ TAZ B 684 * 025 L  # @ 0 ^ ++ TAZ B 684 * 025 L  L C 9 ^ ++
B
0.68
25
4
1
10
12
6
8
8
0.070
0.13
0.12
0.05
0.53
0.48
0.21
CWR29K^105*@B+ TAZ B 105 * 025 L  # @ 0 ^ ++ TAZ B 105 * 025 L  L C 9 ^ ++
B
1
25
4
1
10
12
6
8
8
0.070
0.13
0.12
0.05
0.53
0.48
0.21
CWR29K^105*@C+ TAZ C 105 * 025 L  # @ 0 ^ ++ TAZ C 105 * 025 L  L C 9 ^ ++
C
1
25
2.6
1
10
12
6
8
8
0.075
0.17
0.15
0.07
0.44
0.40
0.18
CWR29K^155*@D+ TAZ D 155 * 025 L  # @ 0 ^ ++ TAZ D 155 * 025 L  L C 9 ^ ++
D
1.5
25
1.7
1
10
12
6
8
8
0.080
0.22
0.20
0.09
0.37
0.33
0.15
CWR29K^225*@D+ TAZ D 225 * 025 L  # @ 0 ^ ++ TAZ D 225 * 025 L  L C 9 ^ ++
D
2.2
25
2
1
10
12
6
8
8
0.080
0.20
0.18
0.08
0.40
0.36
0.16
CWR29K^225*@E+ TAZE225*025L#@0^++
TAZE225*025LLC9^++
E
2.2
25
1
1
10
12
6
8
8
0.090
0.30
0.27
0.12
0.30
0.27
0.12
CWR29K^335*@E+ TAZE335*025L#@0^++
TAZE335*025LLC9^++
E
3.3
25
1.2
1
10
12
6
8
8
0.090
0.27
0.25
0.11
0.33
0.30
0.13
CWR29K^475*@F+ TAZF475*025L#@0^++
TAZF475*025LLC9^++
F
4.7
25
0.7
2
20
24
6
8
8
0.100
0.38
0.34
0.15
0.26
0.24
0.11
CWR29K^685*@F+ TAZF685*025L#@0^++
TAZF685*025LLC9^++
F
6.8
25
0.8
2
20
24
6
8
8
0.100
0.35
0.32
0.14
0.28
0.25
0.11
CWR29K^685*@G+ TAZG685*025L#@0^++
TAZG685*025LLC9^++
G
6.8
25
0.3
2
20
24
6
8
8
0.125
0.65
0.58
0.26
0.19
0.17
0.08
CWR29K^106*@G+ TAZG106*025L#@0^++
TAZG106*025LLC9^++
G
10
25
0.35
3
30
36
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^156*@G+ TAZG156*025L#@0^++
TAZG156*025LLC9^++
G
15
25
0.35
4
40
48
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^156*@H+ TAZH156*025L#@0^++
TAZH156*025LLC9^++
H
15
25
0.2
4
40
48
6
8
8
0.150
0.87
0.78
0.35
0.17
0.16
0.07
CWR29K^226*@G+ TAZG226*025L#@0^++
TAZG226*025LLC9^++
G
22
25
0.35
6
60
72
6
8
8
0.125
0.60
0.54
0.24
0.21
0.19
0.08
CWR29K^226*@H+ TAZH226*025L#@0^++
TAZH226*025LLC9^++
H
22
25
0.18
6
60
72
6
8
8
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29K^336*@H+ TAZH336*025L#@0^++
TAZH336*025LLC9^++
H
33
25
0.18
10
100
120
8
10
10
0.150
0.91
0.82
0.37
0.16
0.15
0.07
CWR29K^336*@X+ TAZX336*025L#@0^++
TAZX336*025LLC9^++
X
33
25
0.13
10
100
120
8
10
10
0.200
1.24
1.12
0.50
0.16
0.15
0.06
CWR29M^224*@A+ TAZA224*035L#@0^++
TAZA224*035LLC9^++
A
0.22
35
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29M^334*@A+ TAZA334*035L#@0^++
TAZA334*035LLC9^++
A
0.33
35
12
1
10
12
6
8
8
0.050
0.06
0.06
0.03
0.77
0.70
0.31
CWR29M^474*@B+ TAZB474*035L#@0^++
TAZB474*035LLC9^++
B
0.47
35
6.8
1
10
12
6
8
8
0.070
0.10
0.09
0.04
0.69
0.62
0.28
CWR29M^684*@C+ TAZC684*035L#@0^++
TAZC684*035LLC9^++
C
0.68
35
4
1
10
12
6
8
8
0.075
0.14
0.12
0.05
0.55
0.49
0.22
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
NOTE: KYOCERA AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
TDS-HIRELTANT-0016 | Rev 2
TAZ SERIES
CWR29 - MIL-PRF-55365/11 Established Reliability,
COTS-Plus & Space Level
– high reliability tantalum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com