Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A01TKLC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # A01TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A01TKLC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button A01TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 10Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 11Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
TYPICAL CHARACTERISTICS
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 12. MTTF versus Junction Temperature -- CW
Note:
The MTTF calculation for this graph is based on the thermal
resistance of the part using thermal grease TIM mounting.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
104
110
130
150
170
190
210
230
108
105
VDD =50 Vdc
Pout = 125 W CW
VDD =50 Vdc,IDQ = 1400 mA, Pout = 125 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
860
1.14 + j0.88
2.61 + j1.84
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured
from drain to drain, balanced configuration.
Figure 13. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com