Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A01TKLC Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # A01TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A01TKLC Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  A01TKLC Datasheet HTML 1Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 2Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 74°C, 125 W CW, 50 V, 1400 mA, 860 MHz
RθJC
0.19 (3)
°C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (2001--4000 V)
Machine Model (per EIA/JESD22--A115)
B (201--400 V)
Charge Device Model (per JESD22--C101)
IV (>1000 V)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (4)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 100 mA)
V(BR)DSS
130
140
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
5
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
20
μAdc
On Characteristics
Gate Threshold Voltage (4)
(VDS =10 Vdc, ID = 980 μAdc)
VGS(th)
1.5
2.07
2.5
Vdc
Gate Quiescent Voltage (5)
(VDD =50 Vdc, ID = 1400 mAdc, Measured in Functional Test)
VGS(Q)
2.1
2.65
3.1
Vdc
Drain--Source On--Voltage (4)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
—
0.24
—
Vdc
Forward Transconductance
(VDS =10 Vdc, ID =20 Adc)
gfs
—
15.6
—
S
Dynamic Characteristics (4)
Reverse Transfer Capacitance (6)
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.49
—
pF
Output Capacitance (6)
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
79.9
—
pF
Input Capacitance (7)
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
—
264
—
pF
Functional Tests (5) (In Freescale Narrowband Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 1400 mA, Pout = 125 W Avg., f = 860 MHz,
DVB--T (8k OFDM) Single Channel. ACPR measured in 7.61 MHz Signal Bandwidth @ ±4 MHz Offset with an Integration Bandwidth of 4 kHz.
Power Gain
Gps
18.0
19.3
21.0
dB
Drain Efficiency
ηD
29.0
30.0
—
%
Adjacent Channel Power Ratio
ACPR
—
--60.5
--58.5
dBc
Input Return Loss
IRL
—
--12
--9
dB
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
3. Performance with thermal grease TIM (thermal interface material) will typically degrade by 0.05°C/W due to the increased thermal contact
resistance of this TIM.
4. Each side of device measured separately.
5. Measurement made with device in push--pull configuration.
6. Part internally input matched.
7. Die capacitance value without internal matching.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com