Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A01TKLC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # A01TKLC
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

A01TKLC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  A01TKLC Datasheet HTML 1Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 2Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 3Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 4Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 5Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 6Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 7Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 8Page - Freescale Semiconductor, Inc A01TKLC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
1
RF Device Data
Freescale Semiconductor
RF Power LDMOS Transistors
High Ruggedness N--Channel
Enhancement--Mode Lateral MOSFETs
Optimized for broadband operation from 470 to 860 MHz. Device has an
integrated input matching network for better power distribution. These devices
are ideally suited for use in analog or digital television transmitters.
• Typical Narrowband Performance: VDD =50 Volts,IDQ = 1400 mA,
Channel Bandwidth = 8 MHz, Input Signal PAR = 9.5 dB @ 0.01%
Probability on CCDF. ACPR measured in 7.61 MHz Signal Bandwidth @
±4 MHz Offset with an Integration Bandwidth of 4 kHz.
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
ACPR
(dBc)
IRL
(dB)
DVB--T (8k OFDM)
125 Avg.
860
19.3
30.0
--60.5
--12
• Typical Pulsed Broadband Performance: VDD =50 Volts,IDQ = 1400 mA,
Pulsed Width = 100 μsec, Duty Cycle = 10%
Signal Type
Pout
(W)
f
(MHz)
Gps
(dB)
ηD
(%)
Pulsed
600 Peak
470
19.3
47.1
650
20.0
53.1
860
18.8
48.9
Features
• Capable of Handling >65:1 VSWR through all Phase Angles @ 50 Vdc,
860 MHz, DVB--T (8k OFDM) 240 Watts Avg. Output Power (3 dB Input
Overdrive from Rated Pout)
• Exceptional Efficiency for Class AB Analog or Digital Television Operation
• Full Performance across Complete UHF TV Spectrum, 470--860 MHz
• Capable of 600 Watt CW Output Power with Adequate Thermal Management
• Integrated Input Matching
• Extended Negative Gate--Source Voltage Range of --6.0 V to +10 V
− Improves Class C Performance, e.g. in a Doherty Peaking Stage
− Enables Fast, Easy and Complete Shutdown of the Amplifier
• Characterized from 20 V to 50 V for Extended Operating Range for use
with Drain Modulation
• Excellent Thermal Characteristics
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units, 56 mm Tape Width, 13 inch Reel.
R5 Suffix = 50 Units, 56 mm Tape Width, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +130
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Storage Temperature Range
Tstg
--65 to +150
°C
Case Operating Temperature
TC
150
°C
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
1052
5.26
W
W/°C
Operating Junction Temperature (1,2)
TJ
225
°C
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software &
Tools/Development Tools/Calculators to access MTTF calculators by product.
Document Number: MRFE6VP8600H
Rev. 1, 9/2011
Freescale Semiconductor
Technical Data
470--860 MHz, 600 W, 50 V
LDMOS BROADBAND
RF POWER TRANSISTORS
MRFE6VP8600HR6
MRFE6VP8600HR5
MRFE6VP8600HSR6
MRFE6VP8600HSR5
CASE 375D--05, STYLE 1
NI--1230
MRFE6VP8600HR6
CASE 375E--04, STYLE 1
NI--1230S
MRFE6VP8600HSR6
PARTS ARE PUSH--PULL
Figure 1. Pin Connections
(Top View)
Drain 1
31
42 Drain 2
Gate 1
Gate 2
Note: The backside of the package is the
source terminal for the transistor.
© Freescale Semiconductor, Inc., 2011. All rights reserved.


Similar Part No. - A01TKLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A01TKLC COILCRAFT-A01TKLC Datasheet
294Kb / 2P
Mini Spring Air Core Inductors
A01TKLC COILCRAFT-A01TKLC Datasheet
294Kb / 2P
Mini Spring Air Core Inductors
A01TKLC COILCRAFT-A01TKLC Datasheet
252Kb / 2P
Mini Spring Air Core Inductors
logo
NXP Semiconductors
A01TKLC NXP-A01TKLC Datasheet
673Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 5/2010
More results

Similar Description - A01TKLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF6VP3091N FREESCALE-MRF6VP3091N Datasheet
1Mb / 20P
RF Power LDMOS Transistors Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HR5 FREESCALE-MRFE6VP61K25HR5 Datasheet
857Kb / 23P
RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
AFM906N NXP-AFM906N Datasheet
701Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2016
AFM907N NXP-AFM907N Datasheet
766Kb / 16P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 04/2017
AFT05MP075N NXP-AFT05MP075N Datasheet
1Mb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 1, 8/2014
AFT09MP055N NXP-AFT09MP055N Datasheet
965Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 7/2013
MRF1K50N NXP-MRF1K50N Datasheet
827Kb / 21P
High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
Rev. 0, 11/2016
MMRF1050H NXP-MMRF1050H Datasheet
424Kb / 12P
RF Power LDMOS Transistor High Ruggedness N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 02/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com