Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP821 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # MP821
Description  MP800 Series Kool-Pak짰 Power Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MP821 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  MP821 Datasheet HTML 1Page - Caddock Electronics, Inc. MP821 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2004 Caddock Electronics, Inc.
CAD
K
DOC
• 20 Watts at +25°C Case Temperature derated to zero at +175°C.
• MetalHeatSinkMountingTab.
• MP820ResistanceRangeof10.0ohmto10.0K.
• MP821ResistanceRangeof 0.020ohmto9.99ohm.
• Resistorelementiselectricallyisolatedfromthemountingsurface.
• Non-Inductivedesignforhighspeedswitching,snubbers,
andrfapplications.
MP825 TO-126StylePowerPackage
The MP825 and MP850 Kool-Pak® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate.
The ceramic substrate is
bonded to a copper heat sink which becomes the metal mounting surface. This
assembly is molded with the copper heat sink flush with the back surface of the part. The
terminal attachment and resistance element geometry are configured to provide
outstanding non-inductive performance.
MP825 and MP850 Power Film Resistors
Include an Integral Metal Mounting Surface
for Highly Efficient Thermal Transfer
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
MP800 Series Kool-Pak® Power Film Resistors
TO-220 Style and TO-126 Style - Non-Inductive Designs
• 50 Watts at +25°C Case Temperature derated to zero at +150°C.
• Copper Heat Sink Integral in the Molded Package.
• Resistance Range of 0.20 ohm to 10.0 K.
• Resistor element is electrically isolated from the mounting surface.
• Non-inductive Design.
MP820 and MP821 TO-220 Style Power Package
with Metal Mounting Tab
Use your thermal design experience with power semiconductors in TO-220 and
TO-126 style power packages to help you get the most out of this unique family of
power resistors. The thermal design issues are the same where power handling
capability is based on the case temperature which is maintained in your design.
MP850 - 50.0 - 1%
Model Number:
Resistor Value:
Tolerance
The MP820 and MP821 Kool-Tab® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate which is thermally bonded to
the copper heat sink tab. The resistor body is then molded with a high temperature
molding compound to finish the metal tab TO-220 package. The lead wire attachment
and resistance element geometry are configured to provide outstanding non-inductive
performance.
For custom resistance values and tolerances contact applications engineering
MP825 Standard Resistance Values
:
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
Tolerance MP825: ±1% standard (except as noted), (0.5%, 2%,
5%,10%, and 20% are available for most resistance values).
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
MP850 Standard Resistance Values
:
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
Tolerance MP850: ±1% standard, (0.5%, 2%, 5%,10%, and 20%
are available for most resistance values).
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
• 25 Watts at +25°C Case Temperature derated to zero at +150°C.
• Copper Heat Sink Integral in the Molded Package.
• Resistance Range of 0.020 ohm to 10.0 K.
• Resistor element is electrically isolated from the mounting surface.
• Non-inductive Design.
Construction of MP825 and MP850:
Ordering Information:
Construction of MP820 and MP821:
MP850 TO-220StylePowerPackage
MP821 Standard Resistance Values:
0.020 Ω
0.025 Ω
0.030 Ω
0.033 Ω
0.040 Ω
Tolerance MP821: ±1% Standard (0.5%, 2%, 5%, 10%, and 20%
are available for most resistance values).
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
MP820 Standard Resistance Values:
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
Tolerance MP820: ±1% Standard (0.5%, 2%, 5%, 10%, and 20%
are available for most resistance values).
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
Packaging: MP800 Series Resistors are packaged in plastic shipping tubes,
50 pieces per tube when the order quantity permits.
Page 1 of 2
28_IL103.1004


Similar Part No. - MP821

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
MP821 CADDOCK-MP821 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP821 CADDOCK-MP821 Datasheet
522Kb / 2P
TO-220 Style and TO-126 Style - Non-Inductive Designs
logo
Infinite Electronics In...
MP8211-16 FAIRVIEW-MP8211-16 Datasheet
676Kb / 3P
16 Way Power Divider SMA Connectors From 800 MHz to 2.5 GHz Rated at 10 Watts
REV 2.0
More results

Similar Description - MP821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP808 ETC1-MP808 Datasheet
129Kb / 2P
Kool-Pak Power Film Resistors
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
MP312 ETC2-MP312 Datasheet
107Kb / 1P
Power Film Resistors
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Caddock Electronics, In...
MP2060 CADDOCK-MP2060 Datasheet
137Kb / 1P
MP2060 Kool-Pak짰 Clip Mount Power Film Resistor
MPM20 CADDOCK-MPM20 Datasheet
416Kb / 1P
MPM20 Kool-Tab짰 Power Film Resistors
MP820 CADDOCK-MP820 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com