Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM024
Description  The RM024 is the first new module in Laird?셲 rebranded RAMP (Range Amplified MultiPoint) line of modules.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM024 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM024 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TRANSITIONING FROM LT2510 TO RM024
Integration Guide
Americas: +1-800-492-2320 Option 3
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
www.lairdtech.com/wireless
3
Laird Technologies
General
LT2510
RM024
Pluggable-U.FL
Dimensions
0.96” x 1.185” x 0.406”
(24.3 mm x 30.1 mm x 10.3 mm)
1.05” x 1.29” x 0.42”
(26.7 mm x 33 mm x 10.6 mm)
Certificate
FCC Part 15.247
KQL-2510100P
KQL-2510100P
TBD
Industry Canada
(IC)
2268C-2510100P
2268C-2510100P
TBD
CE
N/A
EN 300 328-2 V1.71,EN 301 489
TBD
RoHS
Yes
Yes
Japan
PRM122: 005WWCA0358
PRM123: 005WWCA0359
TBD
Brazil (Anatel)1
3000-10-6625
No
None
1. Contact your sales representative for more details.
2. Maximum Output power stated, step measurements for power could vary by +/- 1.5 dBm. Step
downs on RM024 are larger than on LT2510, resulting in lower Maximum Power for each step.
3. Sleep current is estimated.
4. Estimated. Measurements were taken at 4.1 miles with 5 dBi antenna.
5. RX Sensitivity is listed at -98 dBm in the LT2510 User Manual, restated here based on new
measurements.
6. Physical Dimensions are estimated, actual measurements are printed in Mechanical Drawings
section of this document.
PIN FUNCTION CHANGES
No pins change function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com