Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RM024
Description  The RM024 is the first new module in Laird?셲 rebranded RAMP (Range Amplified MultiPoint) line of modules.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM024 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RM024 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 9Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TRANSITIONING FROM LT2510 TO RM024
Integration Guide
Americas: +1-800-492-2320 Option 3
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
www.lairdtech.com/wireless
6
Laird Technologies
MECHANICAL DRAWINGS
The form factor of the surface mount integrated antenna versions of the RM024 and LT2510 are
the same. Customers using the U.FL version of the SMT module can either purchase the new
integrated antenna version and use the new on board U.FL or purchase a U.FL only version
directly from Laird.
The form factor of the RM024 pluggable module will be slightly larger than the LT2510, see the
drawings below for details.
Note on Mechanical Drawings:
All dimensions are in millimetres
PC Board Material is 0.79mm thick FR4
Provide clearance of at least 1.5mm around the module to be free of other components
and features
Module should not exceed 260 degrees C during reflow soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com