Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM024
Description  The RM024 is the first new module in Laird?셲 rebranded RAMP (Range Amplified MultiPoint) line of modules.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM024 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM024 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Americas: +1-800-492-2320 Option 3
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
www.lairdtech.com/wireless
1
Laird Technologies
INTEGRATION GUIDE FOR TRANSITIONING FROM LT2510 TO RM024
INTRODUCTION
The RM024 is the first new module in Laird’s rebranded RAMP (Range Amplified MultiPoint) line of
modules. Laird’s RAMP modules excel at providing a wireless serial link over long ranges and with
support for multipoint networks. RAMP modules utilize a Frequency Hopping Spread Spectrum
(FHSS) protocol for greater interference and multipath immunity. With two transceivers, the RAMP
line can provide a wireless serial cable replacement capable of extending communications well
beyond the 50 foot maximum for wired connections. RAMP modules also support multipoint –
Star network topologies – and users can employ a nearly unlimited number of clients for
applications such as sensors, controls, and text display boards.
The RM024 is based on the same core technology as the LT2510 and is designed to be a drop in
replacement. Differences between the modules may affect customer designs though; this
document will identify those differences. The RM024 and the LT2510 are over the air compatible
and can both be used in the same network.
PART NUMBERS
LT2510
Part Number
RM024
Part Number
Form Factor
Maximum
Tx Power
Antenna
EEPROM
Product ID
PRM110
RM024-S125-C-01
SMT
125 mW
u.FL Jack
RM024125C01
PRM111
RM024-S125-M-01
SMT
125 mW
Chip
Antenna
RM024125M01
PRM120
RM024-P125-C-01
Pluggable
125 mW
u.FL Jack
RM024125C01
PRM121
RM024-P125-M-01
Pluggable
125 mW
Chip
Antenna
RM024125M01
PRM112
RM024-S50-C-01
SMT
50 mW
(CE)
u.FL Jack
RM02450C01
PRM113
RM024-S50-M-01
SMT
50 mW
(CE)
Chip
Antenna
RM02450M01
PRM122
RM024-P50-C-01
Pluggable
50 mW
(CE)
u.FL Jack
RM02450C01
PRM123
RM024-P50-M-01
Pluggable
50 mW
(CE)
Chip Ant
RM02450M01


Similar Part No. - RM024

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
RM024 LSTD-RM024 Datasheet
1Mb / 21P
Minor grammatical fixes
More results

Similar Description - RM024

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRR-20A DELTA-DRR-20A Datasheet
742Kb / 6P
The new Redundancy Module DRR 20A is the latest offering from one of the World?셲 No.1 Power Supply Company.
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
RFPO50 TEMEX-RFPO50 Datasheet
271Kb / 2P
The RFPO50 is from the world?셲 first ASIC?륿ased OCXO product
RFPO55 TEMEX-RFPO55 Datasheet
391Kb / 2P
The RFPO55 is from the world?셲 first ASIC.based OCXO product
RFPO60 TEMEX-RFPO60 Datasheet
261Kb / 2P
The RFPO60 is from the world?셲 first ASIC.based OCXO product
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
The RFPO65 is from the world?셲 first ASIC.based OCXO product
logo
Laird Tech Smart Techno...
28A0640-0A0 LSTD-28A0640-0A0 Datasheet
77Kb / 1P
this print is the property of laird tech
28B0275-000 LSTD-28B0275-000 Datasheet
93Kb / 1P
this print is the property of laird tech
28B0390-200 LSTD-28B0390-200 Datasheet
81Kb / 1P
this print is the property of laird tech
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com