Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ART Datasheet(PDF) 7 Page - Analog Devices

Part # AD8614ART
Description  Single and Quad 18 V Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART Datasheet(HTML) 7 Page - Analog Devices

  AD8614ART Datasheet HTML 1Page - Analog Devices AD8614ART Datasheet HTML 2Page - Analog Devices AD8614ART Datasheet HTML 3Page - Analog Devices AD8614ART Datasheet HTML 4Page - Analog Devices AD8614ART Datasheet HTML 5Page - Analog Devices AD8614ART Datasheet HTML 6Page - Analog Devices AD8614ART Datasheet HTML 7Page - Analog Devices AD8614ART Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8614/AD8644
–7–
REV. 0
The optimum values for the snubber network should be determined
empirically based on the size of the capacitive load. Table I shows a
few sample snubber network values for a given load capacitance.
Table I. Snubber Networks for Large Capacitive Loads
Load Capacitance
Snubber Network
(CL)(RS, CS)
0.47 nF
300
Ω, 0.1 µF
4.7 nF
30
Ω, 1 µF
47 nF
5
Ω, 1 µF
Direct Access Arrangement
Figure 26 shows a schematic for a 5 V single supply transmit/receive
telephone line interface for 600
Ω transmission systems. It allows
full duplex transmission of signals on a transformer-coupled 600
Ω
line. Amplifier A1 provides gain that can be adjusted to meet the
modem output drive requirements. Both A1 and A2 are configured
to apply the largest possible differential signal to the transformer.
The largest signal available on a single 5 V supply is approximately
4.0 V p-p into a 600
Ω transmission system. Amplifier A3 is config-
ured as a difference amplifier to extract the receive information from
the transmission line for amplification by A4. A3 also prevents the
transmit signal from interfering with the receive signal. The gain of
A4 can be adjusted in the same manner as A1’s to meet the modem’s
input signal requirements. Standard resistor values permit the use of
SIP (Single In-Line Package) format resistor arrays. Couple this with
the AD8644 14-lead SOIC or TSSOP package and this circuit can
offer a compact solution.
6.2V
6.2V
TRANSMIT
TxA
RECEIVE
RxA
C1
0.1 F
R1
10k
R2
9.09k
2k
P1
Tx GAIN
ADJUST
A1
A2
A3
A4
A1, A2 = 1/2 AD8644
A3, A4 = 1/2 AD8644
R3
360
1:1
T1
TO TELEPHONE
LINE
1
2
3
7
6
5
2
3
1
6
5
7
10 F
R7
10k
R8
10k
R5
10k
R6
10k
R9
10k
R14
14.3k
R10
10k
R11
10k
R12
10k
R13
10k
C2
0.1 F
P2
Rx GAIN
ADJUST
2k
ZO
600
5V DC
MIDCOM
671-8005
Figure 26. A Single-Supply Direct Access Arrangement for
Modems
A One-Chip Headphone/Microphone Preamplifier Solution
Because of its high output current performance, the AD8644
makes an excellent amplifier for driving an audio output jack in
a computer application. Figure 27 shows how the AD8644 can
be interfaced with an ac codec to drive headphones or speakers
U1-A
R1
2k
4
C1
100 F
5V
1
10
2
3
5
5V
VDD
VDD
LEFTOUT
AD1881
(AC'97)
RIGHTOUT
VSS
R3
20
7
8
6
9
R4
20
C2
100 F
NOTE: ADDITIONAL PINS
OMITTED FOR CLARITY
U1-B
U1 = AD8644
R2
2k
28
35
36
Figure 27. A PC-99 Compliant Headphone/Line Out Amplifier
If gain is required from the output amplifier, four additional
resistors should be added as shown in Figure 28. The gain of
the AD8644 can be set as:
A
R
R
V =
6
5
U1-A
R1
2k
4
C1
100 F
5V
1
10
2
3
5
5V
VDD
VDD
LEFTOUT
AD1881
(AC97)
RIGHTOUT
VSS
R3
20
7
8
6
9
R4
20
C2
100 F
NOTE: ADDITIONAL PINS
OMITTED FOR CLARITY
U1-B
U1 = AD8644
R2
2k
R6
20k
R6
20k
VREF
R5
10k
R5
10k
AV =
= +6dB WITH VALUES SHOWN
R6
R5
38
35
27
36
Figure 28. A PC-99-Compliant Headphone/Speaker
Amplifier with Gain
Input coupling capacitors are not required for either circuit as
the reference voltage is supplied from the AD1881.
R4 and R5 help protect the AD8644 output in case the output
jack or headphone wires are accidentally shorted to ground.
The output coupling capacitors C1 and C2 block dc current
from the headphones and create a high-pass filter with a corner
frequency of:
f
CR
R
dB
L
−
=
+
()
3
1
21
4
π
Where RL is the resistance of the headphones.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com