Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ART Datasheet(PDF) 2 Page - Analog Devices

Part # AD8614ART
Description  Single and Quad 18 V Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART Datasheet(HTML) 2 Page - Analog Devices

  AD8614ART Datasheet HTML 1Page - Analog Devices AD8614ART Datasheet HTML 2Page - Analog Devices AD8614ART Datasheet HTML 3Page - Analog Devices AD8614ART Datasheet HTML 4Page - Analog Devices AD8614ART Datasheet HTML 5Page - Analog Devices AD8614ART Datasheet HTML 6Page - Analog Devices AD8614ART Datasheet HTML 7Page - Analog Devices AD8614ART Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD8614/AD8644–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1.0
2.5
mV
–20
°C ≤ T
A
≤ +85°C3
mV
Input Bias Current
IB
80
400
nA
–20
°C ≤ T
A
≤ +85°C
500
nA
Input Offset Current
IOS
5
100
nA
–20
°C ≤ T
A
≤ +85°C
200
nA
Input Voltage Range
0VS
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS
60
75
dB
Voltage Gain
AVO
VOUT = 0.5 V to VS –0.5 V, RL = 10 k
Ω
10
150
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 10 mA
VS –0.15
V
Output Voltage Low
VOL
ILOAD = 10 mA
65
150
mV
Output Short Circuit Current
ISC
35
70
mA
–20
°C ≤ T
A
≤ +85°C30
mA
POWER SUPPLY
PSRR
PSRR
VS =
±2.25 V to ±9.25 V
80
110
dB
Supply Current / Amplifier
Isy
0.8
1.1
mA
–20
°C ≤ T
A
≤ +85°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
CL = 200 pF
7.5
V/
µs
Gain Bandwidth Product
GBP
5.5
MHz
Phase Margin
Φo
65
Degrees
Settling Time
tS
0.01%, 10 V Step
3
µs
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
12
nV/
√Hz
en
f = 10 kHz
11
nV/
√Hz
Current Noise Density
in
f = 10 kHz
1
pA/
√Hz
NOTE
All typical values are for VS = 18 V.
Specifications subject to change without notice.
(5 V
≤ V
S
≤ 18 V, V
CM = VS/2, TA = 25 C unless otherwise noted)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8614/AD8644 features proprietary ESD protection circuitry, permanent dam-
age may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VS
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –20
°C to +85°C
Junction Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Package Type
JA
1
JC
Unit
5-Lead SOT-23 (RT)
230
140
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
14-Lead SOIC (R)
120
56
°C/W
NOTE
1
θ
JA is specified for worst-case conditions, i.e.,
θ
JA is specified for device soldered
onto a circuit board for surface mount packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8614ART1
–20
°C to +85°C 5-Lead SOT-23 RT-5
AD8644ARU2
–20
°C to +85°C 14-Lead TSSOP RU-14
AD8644AR2
–20
°C to +85°C 14-Lead SOIC
R-14
NOTES
1Available in 3,000 or 10,000 piece reels.
2Available in 2,500 piece reels only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com