Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ART Datasheet(PDF) 8 Page - Analog Devices

Part # AD8614ART
Description  Single and Quad 18 V Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART Datasheet(HTML) 8 Page - Analog Devices

  AD8614ART Datasheet HTML 1Page - Analog Devices AD8614ART Datasheet HTML 2Page - Analog Devices AD8614ART Datasheet HTML 3Page - Analog Devices AD8614ART Datasheet HTML 4Page - Analog Devices AD8614ART Datasheet HTML 5Page - Analog Devices AD8614ART Datasheet HTML 6Page - Analog Devices AD8614ART Datasheet HTML 7Page - Analog Devices AD8614ART Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
–8–
REV. 0
AD8614/AD8644
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
5-Lead SOT-23
(RT Suffix)
0.1181 (3.00)
0.1102 (2.80)
PIN 1
0.0669 (1.70)
0.0590 (1.50)
0.1181 (3.00)
0.1024 (2.60)
1
3
4
5
0.0748 (1.90)
BSC
0.0374 (0.95) BSC
2
0.0079 (0.20)
0.0031 (0.08)
0.0217 (0.55)
0.0138 (0.35)
10
0
0.0197 (0.50)
0.0138 (0.35)
0.0059 (0.15)
0.0019 (0.05)
0.0512 (1.30)
0.0354 (0.90)
SEATING
PLANE
0.0571 (1.45)
0.0374 (0.95)
14-Lead TSSOP
(RU Suffix)
14
8
7
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0
14-Lead Narrow SOIC
(R Suffix)
14
8
7
1
0.3444 (8.75)
0.3367 (8.55)
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
x 45
The remaining two amplifiers can be used as low voltage
microphone preamplifiers. A single AD8614 can be used as a
stand-alone microphone preamplifier. Figure 29 shows this
implementation.
AD1881
(AC'97)
VREF
10k
21
MIC 1 IN
AV = 20dB
1k
1 F
2.2k
5V
10k
AV = +20dB
1k
1 F
2.2k
5V
MIC 1
MIC 2
22
MIC 2 IN
27
Figure 29. Microphone Preamplifier
SPICE Model Availability
The SPICE model for the AD8614/AD8644 amplifier is available
and can be downloaded from the Analog Devices’ web site at
http://www.analog.com. The macro-model accurately simulates
a number of AD8614/AD8644 parameters, including offset volt-
age, input common-mode range, and rail-to-rail output swing.
The output voltage versus output current characteristic of the
macro-model is identical to the actual AD8614/AD8644 perfor-
mance, which is a critical feature with a rail-to-rail amplifier model.
The model also accurately simulates many ac effects, such as gain
bandwidth product, phase margin, input voltage noise, CMRR and
PSRR versus frequency, and transient response. Its high degree of
model accuracy makes the AD8614/AD8644 macro-model one of
the most reliable and true-to-life models available for any amplifier.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com