Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS181 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1SS181
Description  150mW High Speed Switching Diodes 80 Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1SS181 Datasheet(HTML) 1 Page - Micro Commercial Components

  1SS181_13 Datasheet HTML 1Page - Micro Commercial Components 1SS181_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS181
150mW High Speed
Switching Diodes
80 Volt
Features
x
Low Forward Voltage
x
Low Leakage Current
x
Surface Mount SOT-23 Package
Maximum Ratings
Reverse Voltage
VR
80V
Forward Current
IF
100mA
Surge Current (10ms)
IFSM
2.0A
Power Dissipation @ TA=25
PD
150mW
Storage Temperature Range
Tstg
-55
to +150
Junction Temperature
Tj
150
Electrical Characteristics @ 25 Unless Otherwise Specified
Minimum Reverse
Breakdown Voltage
V(BR)
80V
IR=100
µA
TA = 25
Maximum Forward
Voltage
VF
1.2V
IF = 100mA;
TA= 25
Maximum Reverse
Voltage Leakage
Current
IR
0.5
µA
VR=80Volts
TA = 25
Maximum Diode
Capacitance
CD
4.0pF
Measured at
f=1.0MHz, VR=0
Maximum Reverse
Recovery Time
trr
4.0ns
IF = 10mA
A 3
Pin Configuration
Top View
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.104
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
1 of 2
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 1SS181_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_14 Datasheet
210Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
logo
SHENZHEN YONGERJIA INDU...
1SS181 WINNERJOIN-1SS181_15 Datasheet
147Kb / 2P
SOT-23 Plastic-Encapsulate DIODE
More results

Similar Description - 1SS181_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448X MCC-1N4448X Datasheet
468Kb / 4P
150mW Switching Diodes
1SS181 MCC-1SS181 Datasheet
134Kb / 2P
150mW High Speed Switching Diodes 80 Volt
1SS184 MCC-1SS184 Datasheet
204Kb / 3P
150mW High Speed Switching Diodes 80 Volt
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
MMBD4448V MCC-MMBD4448V Datasheet
197Kb / 3P
150mW Switching Diodes
1N4448X MCC-1N4448X_13 Datasheet
267Kb / 4P
150mW Switching Diodes
1SS184 MCC-1SS184_13 Datasheet
228Kb / 3P
150mW High Speed Switching Diodes 80 Volt
1SS187 MCC-1SS187 Datasheet
418Kb / 3P
150mW High Speed Switching Diodes 80 Volt
MMBD4448HT MCC-MMBD4448HT_13 Datasheet
220Kb / 3P
150mW Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com