Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101SE Datasheet(PDF) 8 Page - Analog Devices

Part # AD9101SE
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101SE Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9101SE Datasheet HTML 4Page - Analog Devices AD9101SE Datasheet HTML 5Page - Analog Devices AD9101SE Datasheet HTML 6Page - Analog Devices AD9101SE Datasheet HTML 7Page - Analog Devices AD9101SE Datasheet HTML 8Page - Analog Devices AD9101SE Datasheet HTML 9Page - Analog Devices AD9101SE Datasheet HTML 10Page - Analog Devices AD9101SE Datasheet HTML 11Page - Analog Devices AD9101SE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD9101
–8–
REV. 0
Deglitcher
Many recently announced video-speed digital-to-analog con-
verters feature very low glitch impulse. This is the result of de-
sign emphasis on spurious free dynamic range (SFDR), a key
spec for the emerging direct digital synthesis (DDS) market.
These DACs have extremely low spurs and often do not require
deglitching.
Although their specs are impressive, these DACs may suffer har-
monic distortion, especially at higher clock rates. Therefore, a
deglitcher using the AD9101 can improve SFDR in some cases.
Figure 7 illustrates the block diagram for deglitching an
AD9713, 12-bit DAC.
SAMPLING
AMPLIFIER
(AD9101)
LOW
DISTORTION
OUTPUT
12
DAC
(AD9713)
DDS
ACCUMULATOR
(AD9955)
CLK1
CLK2
CLK3
32
TUNING
WORD
Figure 7. Deglitcher Block Diagram
IF-to-Digital Conversion
Traditional receivers with information encoded with in phase (I)
and quadrature (Q) signals comprise extensive analog signal
processing ahead of the pair of ADCs.
This I-Q demodulation in the analog domain requires precise
gain and phase matching as well as close matching of the ADCs.
This leads to high cost both in materials and labor to attain the
desired performance. Digital front end designers have paid the
cost for these components because ADCs have limited the dy-
namic range at higher signal frequencies.
IF
BPF
DSP
I
Q
NUMERICALLY
CONTROLLED
OSCILLATOR
(NCO)
ADC
ANALOG
INPUT
H (z)
H (z)
12
AD9101
Figure 9. Direct IF-to-Digital
Thus, the final IF signal was mixed with quadrature signals
from the final LO. The two resultant baseband signals repre-
senting I and Q were digitized by independent converters.
IF
BPF
QUADRATURE
DEMODULATOR
90°
LOCAL
OSC.
ADC
ADC
DSP
I
Q
ANALOG
INPUT
Figure 8. Traditional l-Q Demodulation
This method, shown in block form in Figure 8, relies heavily on
accuracy of the phase of the analog I and Q signals applied to
the ADCs. As little as 0.5
° of phase error can reduce system dy-
namic range by 6 dB or more.
Using the bandwidth and low distortion of the AD9101 greatly
simplifies the analog front end and allows signal processing to
be done in the digital domain which is more predictable and less
susceptible to environmental changes. The simplified front end
is illustrated in Figure 9.
This configuration removes the burden from the analog section.
The AD9101 expands the dynamic range of the ADC into the
IF bandwidth, allowing straightforward digital algorithms to de-
modulate the I and Q data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com