Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101SE Datasheet(PDF) 1 Page - Analog Devices

Part # AD9101SE
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101SE Datasheet(HTML) 1 Page - Analog Devices

  AD9101SE Datasheet HTML 1Page - Analog Devices AD9101SE Datasheet HTML 2Page - Analog Devices AD9101SE Datasheet HTML 3Page - Analog Devices AD9101SE Datasheet HTML 4Page - Analog Devices AD9101SE Datasheet HTML 5Page - Analog Devices AD9101SE Datasheet HTML 6Page - Analog Devices AD9101SE Datasheet HTML 7Page - Analog Devices AD9101SE Datasheet HTML 8Page - Analog Devices AD9101SE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
125 MSPS Monolithic
Sampling Amplifier
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAM
CLOCK
CLOCK
VIN
CHOLD
4X
AMP
+
RTN
R
3R
–
+
SAMPLER
–
AD9101
VOUT
FEATURES
350 MHz Sampling Bandwidth
125 MHz Sampling Rate
Excellent Hold Mode Distortion
–75 dB @ 50 MSPS (25 MHz VIN)
–57 dB @ 125 MSPS (50 MHz VIN)
7 ns Acquisition Time to 0.1%
<1 ps Aperture Jitter
66 dB Feedthrough Rejection @ 50 MHz
3.3 nV/
√Hz Spectral Noise Density
APPLICATIONS
Direct IF Sampling
Digital Sampling Oscilloscopes
HDTV Cameras
Peak Detectors
Radar/EW/ECM
Spectrum Analysis
Test Equipment/CCD Testers
DDS DAC Deglitcher
GENERAL DESCRIPTION
The AD9101 is an extremely accurate, general purpose, high
speed sampling amplifier. Its fast and accurate acquisition speed
allows for a wide range of frequency vs. resolution performance.
The AD9101 is capable of 8 to 12 bits of accuracy at clock rates
of 125 MSPS or 50 MSPS, respectively. This level of perfor-
mance makes it an ideal driver for almost all 8- to 12-bit A/D
encoders on the market today.
In effect, the AD9101 is a track-and-hold with a post amplifier.
This configuration allows the front end sampler to operate at
relatively low signal amplitudes. This results in dramatic im-
provement in both track and hold mode distortion while keeping
power low.
The gain-of-four output amplifier has been optimized for fast
and accurate large signal step settling characteristics even when
heavily loaded. This amplifier’s fast Settling Time Linearity
(STL) characteristic causes the amplifier to be transparent to
the low signal level distortion of the sampler. When sampled,
output distortion levels reflect only the distortion performance
of the sampler.
Dramatic SNR and distortion improvements can be realized
when using the AD9101 with high speed flash converters. Flash
converters generally have excellent linearity at dc and low fre-
quencies. However, as signal slew rate increases, their perfor-
mance degrades due to the internal comparators’ aperture delay
variations and finite gain bandwidth product.
The benefits of using a track-and-hold ahead of a flash converter
have been well known for many years. However, before the
AD9101, there was no track-and-hold amplifier with sufficient
bandwidth and linearity to markedly increase the dynamic per-
formance of such flashes as the AD9002, AD9012, AD9020,
and AD9060.
A new application made possible by the AD9101 is direct IF-
to-digital conversion. Utilizing the Nyquist principle, the IF
frequency can be rejected, and the baseband signal can be
recovered. As an example, a 40 MHz IF is modulated by a
10 MHz bandwidth signal. By sampling at 25 MSPS, the signal
of interest is detected.
The AD9101 is offered in commercial and military temperature
ranges. Commercial versions include the AD9101AR in plastic
SOIC and AD9101AE in ceramic LCC. Military devices are
available in ceramic LCC. Contact the factory for availability of
versions in DIP and/or military versions.
PRODUCT HIGHLIGHTS
1. Guaranteed Hold-Mode Distortion
2. 125 MHz Sampling Rate to 8 Bits; 50 MHz to 12 Bits
3. 350 MHz Sampling Bandwidth
4. Super-Nyquist Sampling Capability
5. Output Offset Adjustable
AD9101


Similar Part No. - AD9101SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9101 AD-AD9101_15 Datasheet
678Kb / 12P
125 MSPS Monolithic Sampling Amplifier
REV. 0
More results

Similar Description - AD9101SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
AD9445 AD-AD9445 Datasheet
965Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
10/05-Revision 0
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9101 CADEKA-SPT9101 Datasheet
180Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Analog Devices
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9101 AD-AD9101_15 Datasheet
678Kb / 12P
125 MSPS Monolithic Sampling Amplifier
REV. 0
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
14-Bit, 105/125 MSPS, IF Sampling ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com