Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9101SE Datasheet(PDF) 3 Page - Analog Devices

Part # AD9101SE
Description  125 MSPS Monolithic Sampling Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9101SE Datasheet(HTML) 3 Page - Analog Devices

  AD9101SE Datasheet HTML 1Page - Analog Devices AD9101SE Datasheet HTML 2Page - Analog Devices AD9101SE Datasheet HTML 3Page - Analog Devices AD9101SE Datasheet HTML 4Page - Analog Devices AD9101SE Datasheet HTML 5Page - Analog Devices AD9101SE Datasheet HTML 6Page - Analog Devices AD9101SE Datasheet HTML 7Page - Analog Devices AD9101SE Datasheet HTML 8Page - Analog Devices AD9101SE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NOTES
1If the analog input exceeds
±300 mV, the clock levels should be shifted as shown in the Theory of Operation section entitled “Driving the Encode Clock.”
2Time to recover within rated error band from 160% overdrive.
3Sampling bandwidth is defined as the –3 dB frequency response of the input sampler to the hold capacitor when operating in the sampling mode. It is greater than
tracking bandwidth because it does not include the bandwidth of the output amplifier.
4Hold mode noise is proportional to the length of time a signal is held. For example, if the hold time (t
H) is 20 ns, the accumulated noise is typically 3 µV
(150 mV/s
× 20 ns). This value must be combined with the track mode noise to obtain total noise.
5Total energy of worst case track-to-hold or hold-to-track glitch.
Specifications subject to change without notice.
–3–
REV. 0
AD9101
20-Pin SOIC
RTN
RTN
C
B+
CLK
NC
V
IN
V
OUT
GND
CLK
GND
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
(Not to Scale)
AD9101
+V
S
+V
S
+V
S
+V
S
C
B–
–V
S
–V
S
–V
S
–V
S
20-Contact Ceramic LCC
1
23
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19 20
BOTTOM VIEW
GND
GND
–VS
NC
VIN
GND
–VS
+VS
+VS
+VS
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage (+VS) . . . . . . . . . . . . . . . . . . . . –0.5 V to +6 V
Supply Voltage (–VS) . . . . . . . . . . . . . . . . . . . . –6 V to +0.5 V
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5 V
CLOCK/CLOCK Input . . . . . . . . . . . . . . . . . –5 V to +0.5 V
Continuous Output Current4 . . . . . . . . . . . . . . . . . . . . 70 mA
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AE, AR . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
SE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Junction Temperature (Ceramic)
2
. . . . . . . . . . . . . . . +175
°C
Junction Temperature (Plastic)2 . . . . . . . . . . . . . . . . +150
°C
Soldering Temperature (1 minute)
3 . . . . . . . . . . . . . . +220
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (no air flow, soldered to PC board) are as follows:
Ceramic LCC:
θ
JA = 48°C/W; θJC = 9.9°C/W; Plastic SOIC: θJA = 54°C/W;
θ
JC = 7.3°C/W.
3For surface mount devices, mounted by vapor phase soldering. Prior to vapor phase
soldering, plastic units should receive a minimum eight hour bakeout at 110
°C to
drive off any moisture absorbed in plastic during shipping or storage. Through-hole
devices can be soldered at +300
°C for 10 seconds.
4Output is short circuit protected to ground. Continuous short circuit may affect
device reliability.
Pin Description
Pin
Description
Connection
1
RTN
Gain Set Resistor Return*
2
RTN
Gain Set Resistor Return*
3CB+
Bootstrap Capacitor (Positive Bias)
4+VS
+5 V Power Supply (Analog)
5+VS
+5 V Power Supply (Analog)
6
GND
Hold Capacitor Ground
7
GND
Hold Capacitor Ground
8+VS
+5 V Power Supply (Digital)
9+VS
+5 V Power Supply (Digital)
10
CLK
True ECL T/H Clock
11
CLK
Complement ECL T/H Clock
12
–VS
–5.2 V Power Supply (Digital)
13
–VS
–5.2 V Power Supply (Digital)
14
N/C
No Connection
15
VIN
Analog Signal Input
16
GND
Ground (Signal Return)
17
–VS
–5.2 V Power Supply (Analog)
18
–VS
–5.2 V Power Supply (Analog)
19
CB–
Bootstrap Capacitor (Negative Bias)
20
VOUT
Analog Signal Output
*See “Matching the AD9101 to A/D Encoders.” Both pins should either be
grounded or connected to voltage source for offset.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9101 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures.
III – Periodically sample tested.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature
extremes for commercial/industrial devices.
ORDERING INFORMATION
Temperature
Package
Package
Model
Range
Description
Option
AD9101AR
–40
°C to +85°C
Plastic SOIC
R-20
AD9101AE
–40
°C to +85°C
LCC
E-20A
AD9101SE
–55
°C to +125°C
LCC
E-20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com