Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9288/PCB
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9288/PCB Datasheet HTML 3Page - Analog Devices AD9288/PCB Datasheet HTML 4Page - Analog Devices AD9288/PCB Datasheet HTML 5Page - Analog Devices AD9288/PCB Datasheet HTML 6Page - Analog Devices AD9288/PCB Datasheet HTML 7Page - Analog Devices AD9288/PCB Datasheet HTML 8Page - Analog Devices AD9288/PCB Datasheet HTML 9Page - Analog Devices AD9288/PCB Datasheet HTML 10Page - Analog Devices AD9288/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
SAMPLE
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
ENCODE = 100MSPS
AIN = 10.3MHz
SNR = 48.52dB
SINAD = 48.08dB
2ND HARMONIC = –62.54dBc
3RD HARMONIC = –63.56dBc
Figure 4. Spectrum: fS = 100 MSPS, fIN = 10 MHz,
Single-Ended Input
SAMPLE
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
ENCODE = 100MSPS
AIN = 41MHz
SNR = 47.87dB
SINAD = 46.27dB
2ND HARMONIC = –54.10dBc
3RD HARMONIC = –55.46dBc
Figure 5. Spectrum: fS = 100 MSPS, fIN = 41 MHz,
Single-Ended Input
SAMPLE
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
ENCODE = 100MSPS
AIN = 76MHz
SNR = 47.1dB
SINAD = 43.2dB
2ND HARMONIC = –52.2dBc
3RD HARMONIC = –51.5dBc
Figure 6. Spectrum: fS = 100 MSPS, fIN = 76 MHz,
Single-Ended Input
MHz
72.00
68.00
64.00
60.00
56.00
52.00
48.00
44.00
40.00
10
20
30
40
50
60
70
80
90
ENCODE RATE = 100MSPS
2ND
3RD
0
Figure 7. Harmonic Distortion vs. AIN Frequency
SAMPLE
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
ENCODE = 100MSPS
AIN1 = 9.3MHz
AIN2 = 10.3MHz
IMD = –60.0dBc
Figure 8. Two-Tone Intermodulation Distortion
MHz
50.00
48.00
46.00
44.00
42.00
40.00
38.00
36.00
10
20
30
40
50
60
70
80
90
ENCODE RATE = 100MSPS
SNR
SINAD
0
Figure 9. SINAD/SNR vs. AIN Frequency
Typical Performance Characteristics–AD9288
–7–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com