Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288/PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9288/PCB
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288/PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9288/PCB Datasheet HTML 1Page - Analog Devices AD9288/PCB Datasheet HTML 2Page - Analog Devices AD9288/PCB Datasheet HTML 3Page - Analog Devices AD9288/PCB Datasheet HTML 4Page - Analog Devices AD9288/PCB Datasheet HTML 5Page - Analog Devices AD9288/PCB Datasheet HTML 6Page - Analog Devices AD9288/PCB Datasheet HTML 7Page - Analog Devices AD9288/PCB Datasheet HTML 8Page - Analog Devices AD9288/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
AD9288
Test
AD9288BST-100
AD9288BST-80
AD9288BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
6 (Continued)
Signal-to-Noise Ratio (SINAD) (With Harmonics)
fIN = 10.3 MHz
+25
°C
I
47
47
44
47
dB
fIN = 26 MHz
+25
°C
I
47
44
47
dB
fIN = 41 MHz
+25
°C
I
44
47
47
dB
Effective Number of Bits
fIN = 10.3 MHz
+25
°C
I
7.5
7.5
7.0
7.5
Bits
fIN = 26 MHz
+25
°C
I
7.5
7.0
7.5
Bits
fIN = 41 MHz
+25
°C
I
7.0
7.5
7.5
Bits
2nd Harmonic Distortion
fIN = 10.3 MHz
+25
°C
I
70
70
55
70
dBc
fIN = 26 MHz
+25
°C
I
70
55
70
dBc
fIN = 41 MHz
+25
°C
I
55
70
70
dBc
3rd Harmonic Distortion
fIN = 10.3 MHz
+25
°C
I
60
60
55
60
dBc
fIN = 26 MHz
+25
°C
I
60
55
60
dBc
fIN = 41 MHz
+25
°C
I
52
60
60
dBc
Two-Tone Intermod Distortion (IMD)
fIN = 10.3 MHz
+25
°C
V
60
60
60
dBc
NOTES
1Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2t
V and tPD are measured from the 1.5 V level of the ENCODE input to the 10%/90% levels of the digital outputs swing. The digital output load during test is not to
exceed an ac load of 10 pF or a dc current of
± 40 µA.
3Digital supply current based on V
DD = +3.0 V output drive with <10 pF loading under dynamic test conditions.
4Power dissipation measured under the following conditions: f
S = 100 MSPS, analog input is –0.7 dBFS, both channels in operation.
5Standby dissipation calculated with encode clock in operation.
6SNR/harmonics based on an analog input voltage of –0.7 dBFS referenced to a 1.024 V full-scale input range.
Specifications subject to change without notice.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9288 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS*
VD, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
VREF IN . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +175
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . +150
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II
100% production tested at +25
°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at +25
°C; guaranteed by design
and characterization testing for industrial temperature
range; 100% production tested at temperature extremes for
military devices.
Table I. User Select Options
S1
S2
User Select Options
0
0
Standby Both Channels A and B.
0
1
Standby Channel B Only.
1
0
Normal Operation (Data Align Disabled).
1
1
Data align enabled (data from both channels avail-
able on rising edge of Clock A. Channel B data is
delayed a 1/2 clock cycle).
ORDERING GUIDE
Temperature
Package
Model
Ranges
Options
AD9288BST
-40, -80, -100
–40
°C to +85°C
ST-48*
AD9288/PCB
+25
°C
Evaluation Board
*ST = Thin Plastic Quad Flatpack (1.4 mm thick, 7
× 7 mm: LQFP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com